Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300145TR2TCR2AQB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 300145TR2TCR2AQB
Description  High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300145TR2TCR2AQB Datasheet(HTML) 1 Page - Vishay Siliconix

  300145TR2TCR2AQB Datasheet HTML 1Page - Vishay Siliconix 300145TR2TCR2AQB Datasheet HTML 2Page - Vishay Siliconix 300145TR2TCR2AQB Datasheet HTML 3Page - Vishay Siliconix 300145TR2TCR2AQB Datasheet HTML 4Page - Vishay Siliconix 300145TR2TCR2AQB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63045
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 21-Nov-07
1
300144, 300145
Vishay Foil Resistors
High Precision Voltage Divider Resistors
with TCR Tracking to 0.5 ppm/°C and
Tolerance Match to 0.005 % (50 ppm)
Any value at any ratio available within resistance range
INTRODUCTION
Vishay Bulk Metal® foil technology outperforms all other
technologies available today for applications that require
high precision and high stability.
Models 300144 and 300145 offer low TCR (both absolute
and tracking), excellent load life stability, tight tolerance,
excellent ratio stability, low thermal EMF, low current noise
and non sensitivity to ESD - all in one package.
Model 300145 is a pair-of 300144 elements back to back in
a single molded package.
By taking advantage of the overall stability and reliability of
Vishay Bulk Metal foil resistors, designers can significantly
reduce circuit errors and greatly improve overall circuit
performances.
Our application engineering department is available to
advise and make recommendations. For non-standard
technical requirements and special applications. Please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
absolute:
± 2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.)
tracking: 0.5 ppm/°C
• Tolerance: absolute and matching to 0.005 %
• Power rating: 0.2 W at 70 °C, for the entire resistive
element R1 and R2, divided proportionally between the
two elements
• Ratio stability: < 0.001 % (10 ppm) 0.2 W at 70 °C for
2000 h
• Maximum working voltage: 200 V
• Electrostatic discharge (ESD) above 25 000 V
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Non hot spot design
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Any value available within resistance range (e.g. 1K2345)
• Prototype samples available from 48 h. For more
information, please contact foil@vishay.com
For better performances see 300144Z, 300145Z (Z-Foil)
datasheet
APPLICATIONS
Instrumentation amplifiers
• Bridge networks
• Differential amplifiers
• Military
• Space
• Medical
• Automatic test equipment
Down-hole (high temperature)
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
R1
R2
-
+
V1
V2
R1
R2
300144
Vout
300145
TABLE 1 - MODELS 300144 AND 300145 SPECIFICATIONS
MODEL
RESISTANCE
RATIO
ABSOLUTE TCR
(- 55 °C to + 125 °C, + 25 °C Ref.)
TCR TRACKING
TOLERANCE
TYPICAL AND MAX. SPREAD
ABSOLUTE
MATCH
300144
300145
1:1
4:1
10:1
> 10:1
± 2 ppm/°C ± 3 ppm/°C
0.5 ppm/°C
1.0 ppm/°C
1.0 ppm/°C
1.5 ppm/°C
± 0.005%
± 0.005%
± 0.01%
± 0.01%
0.005%
0.005%
0.01%
0.01%


Similar Part No. - 300145TR2TCR2AQB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300145 VISHAY-300145 Datasheet
110Kb / 2P
   Bulk Metal Foil Technology Small Package, Ultimate Tracking Voltage Dividers
Revision 19-Jul-02
300145Z VISHAY-300145Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
300145ZTR1TCR0.2AAB VISHAY-300145ZTR1TCR0.2AAB Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
300145ZTR1TCR0.2ABB VISHAY-300145ZTR1TCR0.2ABB Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
300145ZTR1TCR0.2ADB VISHAY-300145ZTR1TCR0.2ADB Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
More results

Similar Description - 300145TR2TCR2AQB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
logo
Vaishali Semiconductor
VHD200 VAISH-VHD200 Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
logo
Vishay Siliconix
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com