Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55B30 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BZX55B30
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55B30 Datasheet(HTML) 4 Page - Vishay Siliconix

  BZX55B30 Datasheet HTML 1Page - Vishay Siliconix BZX55B30 Datasheet HTML 2Page - Vishay Siliconix BZX55B30 Datasheet HTML 3Page - Vishay Siliconix BZX55B30 Datasheet HTML 4Page - Vishay Siliconix BZX55B30 Datasheet HTML 5Page - Vishay Siliconix BZX55B30 Datasheet HTML 6Page - Vishay Siliconix BZX55B30 Datasheet HTML 7Page - Vishay Siliconix BZX55B30 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 85604
Rev. 1.5, 05-Jul-07
BZX55-Series
Vishay Semiconductors
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 1. Thermal Resistance vs. Lead Length
Figure 2. Total Power Dissipation vs. Ambient Temperature
Figure 3. Typical Change of Working Voltage under Operating
Conditions at Tamb = 25 °C
95 9611
0
5
10
15
0
100
200
300
400
500
20
ll
I - Lead Length (mm)
T
L = constant
0
120
160
0
100
300
400
500
600
T
amb - Ambient Temperature (°C)
200
95 9602
200
80
40
10
15
20
1
10
100
1000
V
Z - Z-Voltage (V)
25
95 9598
T
j = 25 °C
I
Z = 5 mA
0
5
Figure 4. Typical Change of Working Voltage vs.
Junction Temperature
Figure 5. Temperature Coefficient of Vz vs. Z-Voltage
Figure 6. Diode Capacitance vs. Z-Voltage
- 60
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
T
j - Junction Temperature (°C)
240
95 9599
0
V
Ztn = VZt/VZ (25 °C)
0
TK
VZ = 10 x 10
-4/K
8 x 10-4/K
2 x 10-4/K
6 x 10-4/K
4 x 10-4/K
- 4 x 10-4/K
- 2 x 10-4/K
30
- 5
0
5
10
15
V
Z - Z-Voltage (V)
50
95 9600
40
I
Z = 5 mA
10
20
0
10
15
0
50
100
150
200
V
Z - Z-Voltage (V)
25
95 9601
20
T
j = 25 °C
V
R = 2 V
0
5


Similar Part No. - BZX55B30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55B30 VISHAY-BZX55B30 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B30 NJSEMI-BZX55B30 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Taiwan Semiconductor Co...
BZX55B30 TSC-BZX55B30 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B30 EIC-BZX55B30 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
BZX55B30 VISHAY-BZX55B30 Datasheet
103Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

Similar Description - BZX55B30

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com