Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1110 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCET1110
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1110 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCET1110 Datasheet HTML 1Page - Vishay Siliconix TCET1110 Datasheet HTML 2Page - Vishay Siliconix TCET1110 Datasheet HTML 3Page - Vishay Siliconix TCET1110 Datasheet HTML 4Page - Vishay Siliconix TCET1110 Datasheet HTML 5Page - Vishay Siliconix TCET1110 Datasheet HTML 6Page - Vishay Siliconix TCET1110 Datasheet HTML 7Page - Vishay Siliconix TCET1110 Datasheet HTML 8Page - Vishay Siliconix TCET1110 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83546
4
Rev. 1.8, 21-Nov-07
TCET1110/TCET1110G
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Temperature, 110 °C Rated
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
OUTPUT
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 µA
VECO
7V
Collector emitter cut-off current
VCE = 20 V, If = 0, E = 0
ICEO
10
100
nA
COUPLER
Collector emitter saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 Ω
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 1 mA
TCET1111
TCET1111G
CTR
13
30
%
TCET1112
TCET1112G
CTR
22
45
%
TCET1113
TCET1113G
CTR
34
70
%
TCET1114
TCET1114G
CTR
56
90
%
VCE = 5 V, IF = 5 mA
TCET1110
TCET1110G
CTR
50
600
%
TCET1115
TCET1115G
CTR
50
150
%
TCET1116
TCET1116G
CTR
100
300
%
TCET1117
TCET1117G
CTR
80
160
%
TCET1118
TCET1118G
CTR
130
260
%
TCET1119
TCET1119G
CTR
200
400
%
VCE = 5 V, IF = 10 mA
TCET1111
TCET1111G
CTR
40
80
%
TCET1112
TCET1112G
CTR
63
125
%
TCET1113
TCET1113G
CTR
100
200
%
TCET1114
TCET1114G
CTR
160
320
%


Similar Part No. - TCET1110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCET1110G VISHAY-TCET1110G Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results

Similar Description - TCET1110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com