Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLT1103 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCLT1103
Description  Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1103 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCLT1103 Datasheet HTML 1Page - Vishay Siliconix TCLT1103 Datasheet HTML 2Page - Vishay Siliconix TCLT1103 Datasheet HTML 3Page - Vishay Siliconix TCLT1103 Datasheet HTML 4Page - Vishay Siliconix TCLT1103 Datasheet HTML 5Page - Vishay Siliconix TCLT1103 Datasheet HTML 6Page - Vishay Siliconix TCLT1103 Datasheet HTML 7Page - Vishay Siliconix TCLT1103 Datasheet HTML 8Page - Vishay Siliconix TCLT1103 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83514
2
Rev. 2.1, 09-Jan-08
TCLT11..Series
Vishay Semiconductors
Optocoupler, Phototransistor Output,
SOP-6L5, Half Pitch, Long Mini-Flat
Package
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tP ≤ 10 µs
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tP/T = 0.5, tP ≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
COUPLER
Isolation test voltage (RMS)
VISO
5000
VRMS
Total power dissipation
Ptot
250
mW
Operating ambient temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature (2)
Tsld
260
°C
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
OUTPUT
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 µA
VECO
7V
Collector emitter cut-off current
VCE = 20 V, IF = 0 A, E = 0
ICEO
10
100
nA
COUPLER
Collector emitter saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 Ω
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF


Similar Part No. - TCLT1103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1103 VISHAY-TCLT1103 Datasheet
205Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 1.8, 03-Dec-04
TCLT1103 VISHAY-TCLT1103 Datasheet
158Kb / 6P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.5, 16-May-13
More results

Similar Description - TCLT1103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 1.8, 03-Dec-04
TCLT110 VISHAY-TCLT110 Datasheet
158Kb / 6P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.5, 16-May-13
TCLT111 VISHAY-TCLT111_V01 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2022
TCLT111 VISHAY-TCLT111 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
Rev. 1.6, 15-Oct-15
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2023
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
Rev. 2.5, 13-Oct-15
TCLT101 VISHAY-TCLT101 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
Rev. 1.7, 08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com