Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA04S0403473JPZE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRA04S0403473JPZE3
Description  Thick Film Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA04S0403473JPZE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  CRA04S0403473JPZE3 Datasheet HTML 1Page - Vishay Siliconix CRA04S0403473JPZE3 Datasheet HTML 2Page - Vishay Siliconix CRA04S0403473JPZE3 Datasheet HTML 3Page - Vishay Siliconix CRA04S0403473JPZE3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thick Film Resistor Array
www.vishay.com
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
Document Number: 31043
248
Revision: 13-Oct-08
CRA04S
Vishay
The CRA04S thick film resistor array is constructed on a high
grade ceramic body with convex terminations. A small
package enables the design of high density circuits. The
single component reduces board space, component counts,
and assembly costs.
FEATURES
• Convex terminal array with square corners
• Wide ohmic ramge: 10R to 1M0
• 4 or 8 terminal package with isolated resistors
• Lead (Pb)-free solder contacts on Ni barrier layer
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compatible with “Restriction of the use of Hazardous
Substances” (RoHS) directive 2002/95/EC (issue 2004)
Notes
(1) Rated voltage:
(2) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rate dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
Notes
(3) Preferred way for ordering products is by use of the PART NUMBER
(4) Please refer to the table PACKAGING, see next page
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CIRCUIT
POWER RATING
P70 °C
W
LIMITING ELEMENT
VOLTAGE MAX.
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
Ω
E-SERIES
CRA04S
03
0.063
50
± 100
± 1
10R - 1M0
24 + 96
± 200
± 2; ± 5
24
Zero-Ohm-Resistor:
Rmax. ≤ 50 mΩ, Imax. = 1 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CRA04S
Rated Dissipation at 70 °C (2)
W per element
0.063
Limiting Element Voltage (1)
V
50
Insulation Voltage (1 min)
Vdc/ac peak
100
Category Temperature Range
°C
- 55 to + 155
Insulation Resistance
Ω
> 109
PART NUMBER AND PRODUCT DESPRIPTION
PART NUMBER: CRA04S08347K0JTD (3)
MODEL
TERMINAL STYLE
PIN
CIRCUIT
VALUE
TOLERANCE
PACKAGING (4)
SPECIAL
CRA04
S
04
08
3 = 03
R = Decimal
K = Thousand
M = Million
0000 = 0
Ω Jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
Ω Jumper
TD
TC
PZ
Up to 2 digits
PRODUCT DESCRIPTION: CRA04S 08 03 473 J RT7 e3
CRA04S
08
03
473
J
RT7
e3
MODEL
TERMINAL COUNT
CIRCUIT TYPE
RESISTANCE VALUE
TOLERANCE
PACKAGING (4)
LEAD (Pb)-FREE
CRA04S
04
08
03
473 = 47 k
Ω
4702 = 47 k
Ω
10R0 = 10
Ω
100 = 10
Ω
000 = 0
Ω Jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
Ω Jumper
RT7
RT6
PZ
e3 = Pure tin
Termination finish
First two digits (3 for 1 %)
are significant. Last digit
is the multiplier.
PR
×
A0
4
S
8
3
4
0
CR
JD
K
0T
7


Similar Part No. - CRA04S0403473JPZE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA04S0403473J VISHAY-CRA04S0403473J Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA04S0403473JRT7 VISHAY-CRA04S0403473JRT7 Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
More results

Similar Description - CRA04S0403473JPZE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com