Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1116G Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCET1116G
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1116G Datasheet(HTML) 1 Page - Vishay Siliconix

  TCET1116G Datasheet HTML 1Page - Vishay Siliconix TCET1116G Datasheet HTML 2Page - Vishay Siliconix TCET1116G Datasheet HTML 3Page - Vishay Siliconix TCET1116G Datasheet HTML 4Page - Vishay Siliconix TCET1116G Datasheet HTML 5Page - Vishay Siliconix TCET1116G Datasheet HTML 6Page - Vishay Siliconix TCET1116G Datasheet HTML 7Page - Vishay Siliconix TCET1116G Datasheet HTML 8Page - Vishay Siliconix TCET1116G Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 83546
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 21-Nov-07
1
Optocoupler, Phototransistor Output,
High Temperature, 110 °C Rated
TCET1110/TCET1110G
Vishay Semiconductors
DESCRIPTION
The TCET1110/ TCET1110G consists of a phototransistor
optically coupled to a gallium arsenide infrared-emitting
diode in a 4-pin plastic dual inline package.
The elements are mounted on one leadframe, providing a
fixed distance between input and output for highest safety
requirements.
VDE STANDARDS
These couplers perform safety functions according to the
following equipment standards:
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5
pending
Optocoupler for electrical safety requirements
• IEC 60950
Office machines (applied for reinforced isolation for mains
voltage
≤ 400 V
RMS)
• VDE 0804
Telecommunication apparatus and data processing
• IEC 60065
Safety
for
mains-operated
electronic
and
related
household apparatus
APPLICATIONS
• Switch-mode power supplies
• Line receiver
• Computer peripheral interface
• Microprocessor system interface
• Circuits for safe protective separation against electrical
shock according to safety class II (reinforced isolation):
- for appl. class I - IV at mains voltage
≤ 300 V
- for appl. class I - III at mains voltage
≤ 600 V
according
to
DIN
EN
60747-5-2
(VDE
0884)/
DIN EN 60747-5-5 pending.
FEATURES
• CTR offered in 9 groups
• Isolation materials according to UL94-VO
• Pollution degree 2
(DIN/VDE 0110/resp. IEC 60664)
• Climatic classification 55/100/21
(IEC 60068 part 1)
• Special construction: therefore, extra low coupling capacity
of typical 0.2 pF, high Common Mode Rejection
• Low temperature coefficient of CTR
• Temperature range - 40 to + 110 °C
• Rated
impulse
voltage
(transient
overvoltage)
VIOTM = 8 kVpeak
• Isolation test voltage (partial discharge test voltage)
Vpd = 1.6 kV
• Rated
isolation
voltage
(RMS
includes
DC)
VIOWM = 600 VRMS
• Rated
recurring
peak
voltage
(repetitive)
VIORM = 848 peak
• Creepage current resistance according to VDE 0303/
IEC 60112 Comparative Tracking Index: CTI
≥ 175
• Thickness through insulation
≥ 0.75 mm
• External creepage distance > 8 mm
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E76222 system code U, double protection
• BSI: EN 60065:2002, EN 60950:2000
certificate no. 7081 and 7402
• DIN EN 60747-5-2 (VDE 0884)
DIN EN 60747-5-5 pending
•FIMKO
C
E
17918_1
1
V
DE
C
A
C


Similar Part No. - TCET1116G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1116G VISHAY-TCET1116G Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results

Similar Description - TCET1116G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com