Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDFZ060215 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TDFZ060215
Description  Pot Capacitors for Coupling Purposes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDFZ060215 Datasheet(HTML) 2 Page - Vishay Siliconix

  TDFZ060215 Datasheet HTML 1Page - Vishay Siliconix TDFZ060215 Datasheet HTML 2Page - Vishay Siliconix TDFZ060215 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TDZ 050..., TDFZ 060..., TDFZ 070...
Pot Capacitors for Coupling Purposes
Vishay Draloric
Document Number: 22126
For technical questions contact: powcap@vishay.com
www.vishay.com
Revision: 21-Jan-02
2
CAPACITANCE TOLERANCES: ± 20 %
* Rated voltage 20 KVp= RF - Peak-voltage + DC voltage
CAPACITANCE TOLERANCES: ± 20 %
* Rated voltage 15 KVp = RF - Peak-voltage + DC voltage
CAPACITANCE TOLERANCES: ± 20 %
* Rated voltage 20KVp = RF - Peak-voltage + DC voltage
CAPACITANCE TOLERANCES: ± 20 %, ± 10 %
DERATING DIAGRAMS
TDZ 050170
CERAMIC
CAPACITANCE
VALUE
[pF]
RATED
VOLTAGE
[KVP]
RATED
POWER
[KVAr]
RATED
CURRENT
[ARMS]
N 3300
10 000
15
12.5
max. 20
TDFZ 060197
CERAMIC
CAPACITANCE
VALUE
[pF]
RATED
VOLTAGE
[KVP] *
RATED
POWER
[KVAr]
RATED
CURRENT
[ARMS]
N 3300
10 000
20
20
max. 30
TDFZ 060215
CERAMIC
CAPACITANCE
VALUE
[pF]
RATED
VOLTAGE
[KVP] *
RATED
POWER
[KVAr]
RATED
CURRENT
[ARMS]
N 3300
1500
15
30
max. 40
TDFZ 070265
CERAMIC
CAPACITANCE
VALUE
[pF]
RATED
VOLTAGE
[KVP] *
RATED
POWER
[KVAr]
RATED
CURRENT
[ARMS]
N 230
10 000
20
40
max. 40
0.001
0.01
0.1
0.5 1
2
5
f
[MHz]
Ug
[KVA
r][ARMS]
50
50
20
20
10
10
55
22
11
Qg
Ug
f
u = 1.76 MHz
f
o = 509 MHz
Qg Ig
Ig
Qg
Ug
Ig
[KVP]
15
10
5
2
1
0.5
0.2
0.1
[KVP]
20
10
5
2
1
0.5
0.2
0.1
Ig
Qg
Ug
Ug
f
u = 1.59 MHz
f
o = 716 MHz
Qg Ig
Ug
Qg
Ig
[KVA
r][ARMS]
50
50
40
20
20
10
10
55
22
11
0.001
0.01
0.1
0.5 1
2
5
f
[MHz]
Qg
0.001
0.01
0.1
0.5 1
2
5
f
Ug
fu = 2.82 MHz
f
o = 565 MHz
Qg Ig
[KVA
r][ARMS]
50
50
40
30
20
20
10
10
55
22
11
Ig
Qg
Ug
Ug
Ig
[KVP]
20
10
5
2
1
0.5
0.2
0.1
Ug
f
u = 3.18 MHz
f
o = 636 MHz
Qg
Ig
Ig
Qg
Ug
Qg
Ig
Ug
0.001
0.01
0.1
0.5 1
2
5
f
[MHz]
[KVP]
20
10
5
2
1
0.5
0.2
0.1
[KVA
r][ARMS]
50
50
40
40
20
20
10
10
55
22
11


Similar Part No. - TDFZ060215

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDFZ125213 VISHAY-TDFZ125213 Datasheet
202Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 14-Aug-02
TDFZ125213 VISHAY-TDFZ125213 Datasheet
86Kb / 4P
   RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 07-Sep-15
TDFZ125236 VISHAY-TDFZ125236 Datasheet
202Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 14-Aug-02
TDFZ125236 VISHAY-TDFZ125236 Datasheet
86Kb / 4P
   RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 07-Sep-15
TDFZ125260 VISHAY-TDFZ125260 Datasheet
202Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 14-Aug-02
More results

Similar Description - TDFZ060215

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDFZ170229 VISHAY-TDFZ170229 Datasheet
223Kb / 3P
   Pot Capacitors for Coupling Purposes
Revision: 24-Jan-02
TDZ050170 VISHAY-TDZ050170_15 Datasheet
85Kb / 4P
   RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Revision: 14-Sep-15
logo
Nichicon corporation
USA1A330MDD NICHICON-USA1A330MDD Datasheet
578Kb / 1P
   7mmL, For General Purposes
logo
List of Unclassifed Man...
UVX1A331MPA ETC1-UVX1A331MPA Datasheet
321Kb / 2P
   Standard series for general purposes
U891BS ETC-U891BS Datasheet
37Kb / 2P
   Prescaler for TV and VTR purposes
logo
Vishay Siliconix
T.030090 VISHAY-T.030090 Datasheet
146Kb / 3P
   Pot Capacitors, Tag Mounting
Revision: 21-Feb-02
logo
List of Unclassifed Man...
MBS3000 ETC-MBS3000 Datasheet
627Kb / 6P
   Pressure transmitter for general industrial purposes
2017.09
logo
Vishay Siliconix
T.020030 VISHAY-T.020030 Datasheet
118Kb / 3P
   Pot Capacitors, Tag Mounting
Revision: 17-Nov-01
TDFZ170229 VISHAY-TDFZ170229_15 Datasheet
82Kb / 4P
   RF Power Pot Capacitors
Revision: 07-Sep-15
T.085120 VISHAY-T.085120 Datasheet
140Kb / 3P
   Pot Capacitors, Tag & Flange Mounting
Revision: 22-Nov-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com