Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEMD1000 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TEMD1000
Description  Silicon PIN Photodiode, RoHS Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEMD1000 Datasheet(HTML) 6 Page - Vishay Siliconix

  TEMD1000 Datasheet HTML 1Page - Vishay Siliconix TEMD1000 Datasheet HTML 2Page - Vishay Siliconix TEMD1000 Datasheet HTML 3Page - Vishay Siliconix TEMD1000 Datasheet HTML 4Page - Vishay Siliconix TEMD1000 Datasheet HTML 5Page - Vishay Siliconix TEMD1000 Datasheet HTML 6Page - Vishay Siliconix TEMD1000 Datasheet HTML 7Page - Vishay Siliconix TEMD1000 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 81564
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com
Rev. 2.1, 08-Sep-08
441
TEMD1000, TEMD1020, TEMD1030, TEMD1040
Silicon PIN Photodiode, RoHS Compliant
Vishay Semiconductors
REEL DIMENSIONS in millimeters
TAPING DIMENSIONS in millimeters: TEMD1000
Issue: 3; 11.06.08
Drawing-No.: 9.800-5080.01-4
Leader and trailer tape:
Parts mounted
Empty trailer (200 mm, min.)
Empty leader (400 mm, min.)
Direction of pulling out
Unreel direction
Label posted here
coming out from reel
Tape position
X
X
13.2 ±1.5
16 ±0.2
18033
18030
3.05 ± 0.1
0.3
Ø
1.55 ± 0.05
4 ± 0.1
2 ± 0.05
4 ± 0.1
Top tape
Push pin through hole
Quantity per reel: 1000 pcs or 5000 pcs
Feed direction
Anode


Similar Part No. - TEMD1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMD1000 VISHAY-TEMD1000 Datasheet
77Kb / 5P
   Silicon PIN Photodiode
Rev. 5, 17-Feb-00
TEMD1000 VISHAY-TEMD1000 Datasheet
190Kb / 8P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 2.4, 09-Aug-11
TEMD1000 VISHAY-TEMD1000 Datasheet
192Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2022
TEMD1000 VISHAY-TEMD1000 Datasheet
193Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2023
TEMD1000 VISHAY-TEMD1000_11 Datasheet
190Kb / 8P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 2.4, 09-Aug-11
More results

Similar Description - TEMD1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23F VISHAY-BPV23F_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPV23NF VISHAY-BPV23NF_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPW24R VISHAY-BPW24R_11 Datasheet
151Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.6, 11-Aug-11
TEMD1000 VISHAY-TEMD1000_11 Datasheet
190Kb / 8P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 2.4, 09-Aug-11
BPW83 VISHAY-BPW83_V01 Datasheet
81Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2022
BPW83 VISHAY-BPW83_V02 Datasheet
82Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2023
BPV22NF VISHAY-BPV22NF_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
TEMD1040 VISHAY-TEMD1040_V02 Datasheet
193Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2023
BPV22F VISHAY-BPV22F_08 Datasheet
123Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.5, 08-Sep-08
BPW82 VISHAY-BPW82_V02 Datasheet
81Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2023
BPW24R VISHAY-BPW24R_V01 Datasheet
173Kb / 6P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com