Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEST2600 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TEST2600
Description  Silicon NPN Phototransistor, RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEST2600 Datasheet(HTML) 4 Page - Vishay Siliconix

  TEST2600_08 Datasheet HTML 1Page - Vishay Siliconix TEST2600_08 Datasheet HTML 2Page - Vishay Siliconix TEST2600_08 Datasheet HTML 3Page - Vishay Siliconix TEST2600_08 Datasheet HTML 4Page - Vishay Siliconix TEST2600_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81562
520
Rev. 1.7, 08-Sep-08
TEST2600
Vishay Semiconductors Silicon NPN Phototransistor, RoHS Compliant
Fig. 10 - Relative Radiant Sensitivity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
0.4
0.2
0
0.2
0.4
0.6
94 8274
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
Area not plane
+ 0.2
- 0.1
- 0.15
+ 0.1
0.65
+ 0.15
Detector center
Issue: 3; 18.04.96
EC
0.3
3.6
0.5
2.54 nom.
1.8
2.2
0.4
0.4
± 0.15
± 0.15
± 0.15
60°
+ 0.1
± 0.15
Drawing-No.: 6.544-5242.01-4
specifications
according to DIN
technical drawings
R 0.75
95 11487


Similar Part No. - TEST2600_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEST2600 VISHAY-TEST2600_V01 Datasheet
97Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
TEST2600 VISHAY-TEST2600_V02 Datasheet
97Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
More results

Similar Description - TEST2600_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT3700 VISHAY-TEMT3700_08 Datasheet
136Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.7, 10-Oct-08
VEMT4700 VISHAY-VEMT4700 Datasheet
143Kb / 7P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.3, 04-Sep-08
TEST2600 VISHAY-TEST2600_V02 Datasheet
97Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
VEMT3700F VISHAY-VEMT3700F Datasheet
139Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 04-Sep-08
TEFT4300 VISHAY-TEFT4300_08 Datasheet
110Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 16-Sep-08
TEKT5400S VISHAY-TEKT5400S_08 Datasheet
581Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 08-Sep-08
BPW77NA VISHAY-BPW77NA_V02 Datasheet
141Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
TEMT1000 VISHAY-TEMT1000_V01 Datasheet
197Kb / 9P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
BPW77NA VISHAY-BPW77NA_V01 Datasheet
140Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
VEMT3700 VISHAY-VEMT3700 Datasheet
139Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 05-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com