Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS4650 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFBS4650
Description  Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4650 Datasheet(HTML) 2 Page - Vishay Siliconix

  TFBS4650_08 Datasheet HTML 1Page - Vishay Siliconix TFBS4650_08 Datasheet HTML 2Page - Vishay Siliconix TFBS4650_08 Datasheet HTML 3Page - Vishay Siliconix TFBS4650_08 Datasheet HTML 4Page - Vishay Siliconix TFBS4650_08 Datasheet HTML 5Page - Vishay Siliconix TFBS4650_08 Datasheet HTML 6Page - Vishay Siliconix TFBS4650_08 Datasheet HTML 7Page - Vishay Siliconix TFBS4650_08 Datasheet HTML 8Page - Vishay Siliconix TFBS4650_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TFBS4650
Document Number 84672
Rev. 1.2, 28-May-08
Vishay Semiconductors
www.vishay.com
2
For technical questions within your region, please contact one of the following:
irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
Functional Block Diagram
Pin Description
Pinout
TFBS4650, bottom view
weight 0.05 g
IRED Driver
TXD
SD
GND
VCC
IREDA
RXD
Amplifier
Comparator
Tri-State
Driver
Mode
Control
PD
IRED
ASIC
IREDC
19283
Pin number
Function
Description
I/O
Active
1IREDA
IRED anode, connected via a current limiting resistor to VCC2. A separate
unregulated power supply can be used.
2
IREDC
IRED cathode, do not connect for standard operation
3TXD
Transmitter data input. Setting this input above the threshold turns on the
transmitter.
This input switches the IRED with the maximum transmit pulse width of
about 50 µs.
IHigh
4RXD
Receiver output. Normally high, goes low for a defined pulse duration with
the rising edge of the optical input signal. Output is a CMOS tri-state driver,
which swings between ground and Vcc. Receiver echoes transmitter output.
OLow
5SD
Shut down. Logic low at this input enables the receiver, enables the
transmitter, and un-tri-states the receiver output. It must be driven high for
shutting down the transceiver.
IHigh
6
VCC
Power supply, 2.4 V to 3.6 V. This pin provides power for the receiver and
transmitter drive section. Connect VCC1 via an optional filter.
7
GND
Ground
19284


Similar Part No. - TFBS4650_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
More results

Similar Description - TFBS4650_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
TFBS4650 VISHAY-TFBS4650 Datasheet
227Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_14 Datasheet
190Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.4, 28-Jan-14
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com