Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS4652-TR3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TFBS4652-TR3
Description  Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4652-TR3 Datasheet(HTML) 3 Page - Vishay Siliconix

  TFBS4652-TR3 Datasheet HTML 1Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 2Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 3Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 4Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 5Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 6Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 7Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 8Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TFBS4652
Document Number 84671
Rev. 1.1, 03-Jul-06
Vishay Semiconductors
www.vishay.com
133
Absolute Maximum Ratings
Reference point Pin, GND unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
*) Due to the internal limitation measures the device is a "class1" device.
**) IrDA specifies the max. intensity with 500 mW/s.r
***) Sn/Pb-free soldering. The product passed VISHAY’s standard convection reflow profile soldering test.
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Supply voltage range,
transceiver
0 V < VCC2 < 6 V
VCC1
- 0.5
6.0
V
Supply voltage range,
transmitter
0 V < VCC1 < 3.6 V
VCC2
- 0.5
6.0
V
Supply voltage range, digital
supply
0 V < VCC1 < 3.6 V
Vlogic
- 0.5
6.0
V
Voltage at RXD
All states
Vin
- 0.5
Vlogic + 0.5
V
Input voltage range, transmitter
TXD
Independent of Vdd or Vlogic
Vin
- 0.5
6.0
V
Input currents
For all pins, except IRED anode
pin
- 40
40
mA
Output sinking current
20
mA
Power dissipation
PD
250
mW
Junction temperature
TJ
125
°C
Ambient temperature range
(operating)
Tamb
- 25
+ 85
°C
Storage temperature
Tstg
- 40
+ 100
°C
Soldering temperature ***)
see section Recommended
Solder Profile
°C
Repetitive pulse output current
< 90 µs, ton < 20 %
IIRED (RP)
500
mA
Average output current
(transmitter)
IIRED (DC)
100
mA
Virtual source size
Method: (1-1/e) encircled
energy
d0.8
mm
Maximum Intensity for Class 1
IEC60825-1 or
EN60825-1,
edition Jan. 2001
Ie
*)
(500)**)
mW/sr


Similar Part No. - TFBS4652-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652-TR3 VISHAY-TFBS4652-TR3 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4652-TR3 VISHAY-TFBS4652-TR3 Datasheet
190Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.4, 28-Jan-14
TFBS4652-TR3 VISHAY-TFBS4652-TR3 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
More results

Similar Description - TFBS4652-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
TFBS4650 VISHAY-TFBS4650 Datasheet
227Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_14 Datasheet
190Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.4, 28-Jan-14
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com