Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU6300-TT3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TFDU6300-TT3
Description  Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU6300-TT3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TFDU6300-TT3 Datasheet HTML 2Page - Vishay Siliconix TFDU6300-TT3 Datasheet HTML 3Page - Vishay Siliconix TFDU6300-TT3 Datasheet HTML 4Page - Vishay Siliconix TFDU6300-TT3 Datasheet HTML 5Page - Vishay Siliconix TFDU6300-TT3 Datasheet HTML 6Page - Vishay Siliconix TFDU6300-TT3 Datasheet HTML 7Page - Vishay Siliconix TFDU6300-TT3 Datasheet HTML 8Page - Vishay Siliconix TFDU6300-TT3 Datasheet HTML 9Page - Vishay Siliconix TFDU6300-TT3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TFDU6300
Document Number 84763
Rev. 1.8, 03-Jul-08
Vishay Semiconductors
www.vishay.com
6
Transmitter
Tamb = 25 °C, VCC1 = VCC2 = 2.4 V to 3.6 V unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Note:
1) Maximum value is given by eye safety class 1, IEC 60825-1, simplified method.
2) Due to this wavelength restriction compared to the IrDA spec of 850 nm to 900 nm the transmitter is able to operate as source for the
standard Remote Control applications with codes as e.g. Philips RC5/RC6
®
or RECS 80. When operated under IrDA full range
conditions (125 mW/sr) the RC range to be covered is in the range from 8 m to 12 m, provided that state of the art remote control
receivers are used.
Parameter
Test conditions
Symbol
Min.
Typ.
Max.
Unit
IRED operating current, switched
current limiter
Note: No external resistor current
limiting resistor is needed
ID
330
440
600
mA
Output pulse width limitation
Input pulse width t < 20 µs
tpw
tµs
Input pulse width 20 µs < t < 150 µs
tpw
18
150
µs
Input pulse width t
≥ 150 µs
tpw_lim
150
µs
Output leakage IRED current
IIRED
- 1
1
µA
Output radiant intensity, s. figure 3,
recommended appl. circuit
VCC = VIRED = 3.3 V, α = 0°
TXD = High, SD = Low
Ie
65
180
4681)
mW/sr
Output radiant intensity, s. figure 3,
recommended appl. circuit
VCC = VIRED = 3.3 V, α = 0°, 15°
TXD = High, SD = Low
Ie
50
125
4681)
mW/sr
Output radiant intensity
VCC1 = 3.3 V, α = 0°, 15°
TXD = Low or SD = High (Receiver
is inactive as long as SD = High)
Ie
0.04
mW/sr
Output radiant intensity, angle of
half intensity
α± 24
deg
Peak - emission wavelength2)
λ
p
875
886
900
nm
Spectral bandwidth
Δλ
45
nm
Optical rise time,
Optical fall time
tropt,
tfopt
10
40
ns
Optical output pulse duration
Input pulse width 217 ns,
1.152 Mbit/s
topt
207
217
227
ns
Optical output pulse duration
Input pulse width 125 ns,
4 Mbit/s
topt
117
125
133
ns
Optical output pulse duration
Input pulse width 250 ns,
4 Mbit/s
topt
242
250
258
ns
Optical overshoot
25
%


Similar Part No. - TFDU6300-TT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6300-TT3 VISHAY-TFDU6300-TT3 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
More results

Similar Description - TFDU6300-TT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6103 VISHAY-TFDU6103_09 Datasheet
236Kb / 13P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.4, 29-Jul-09
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6101E VISHAY-TFDU6101E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFBS6711 VISHAY-TFBS6711 Datasheet
216Kb / 14P
   Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications
Rev. 1.3, 21-Feb-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com