Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G3-C-12B81I Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD835G3-C-12B81I
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G3-C-12B81I Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD835G3-C-12B81I Datasheet HTML 5Page - STMicroelectronics PSD835G3-C-12B81I Datasheet HTML 6Page - STMicroelectronics PSD835G3-C-12B81I Datasheet HTML 7Page - STMicroelectronics PSD835G3-C-12B81I Datasheet HTML 8Page - STMicroelectronics PSD835G3-C-12B81I Datasheet HTML 9Page - STMicroelectronics PSD835G3-C-12B81I Datasheet HTML 10Page - STMicroelectronics PSD835G3-C-12B81I Datasheet HTML 11Page - STMicroelectronics PSD835G3-C-12B81I Datasheet HTML 12Page - STMicroelectronics PSD835G3-C-12B81I Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
PSD8XX Family
PSD835G2
8
The following table describes the pin names and pin functions of the PSD835G2. Pins that
have multiple names and/or functions are defined using PSDsoft.
6.0
Table 5.
PSD835G2
Pin
Descriptions
Pin*
(TQFP
Pin Name
Pkg.)
Type
Description
ADIO0-7
3-7
I/O
This is the lower Address/Data port. Connect your MCU
10-12
address or address/data bus according to the following rules:
1. If your MCU has a multiplexed address/data bus where the
data is multiplexed with the lower address bits, connect
AD[0:7] to this port.
2. If your MCU does not have a multiplexed address/data bus,
connect A[0:7] to this port.
3. If you are using an 80C51XA in burst mode, connect
A4/D0 through A11/D7 to this port.
ALE or AS latches the address. The PSD drives data out only
if the read signal is active and one of the PSD functional blocks
was selected. The addresses on this port are passed to the
PLDs.
ADIO8-15
13-20
I/O
This is the upper Address/Data port. Connect your MCU
address or address/data bus according to the following rules:
1. If your MCU has a multiplexed address/data bus where the
data is multiplexed with the lower address bits, connect
A[8:15] to this port.
2. If your MCU does not have a multiplexed address/data bus,
connect A[8:15] to this port.
3. If you are using an 80C251 in page mode, connect AD[8:15]
to this port
4. If you are using an 80C51XA in burst mode, connect
A[12:19] to this port.
ALE or AS latches the address. The PSD drives data out only
if the read signal is active and one of the PSD functional
blocks was selected. The addresses on this port are passed
to the PLDs.
CNTL0
59
I
The following control signals can be connected to this port,
based on your MCU:
1. WR — active-low write input.
2. R_W — active-high read/active low write input.
This pin is connected to the PLDs. Therefore, these signals can
be used in decode and other logic equations.
CNTL1
60
I
The following control signals can be connected to this port,
based on your MCU:
1. RD — active-low read input.
2. E — E clock input.
3. DS — active-low data strobe input.
4. PSEN — connect PSEN to this port when it is being used as
an active-low read signal. For example, when the 80C251
outputs more than 16 address bits, PSEN is actually the read
signal.
This pin is connected to the PLDs. Therefore, these signals can
be used in decode and other logic equations.
CNTL2
40
I
This pin can be used to input the PSEN (Program Select
Enable) signal from any MCU that uses this signal for code
exclusively. If your MCU does not output a Program Select
Enable signal, this port can be used as a generic input. This
port is connected to the PLD as input.
Reset
39
I
Active low input. Resets I/O Ports, PLD Micro
⇔Cells, some of
the configuration registers and JTAG registers. Must be active
at power up. Reset also aborts the Flash programming/erase
cycle that is in progress.


Similar Part No. - PSD835G3-C-12B81I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD835G2 STMICROELECTRONICS-PSD835G2 Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2-70UIT STMICROELECTRONICS-PSD835G2-70UIT Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2-70UT STMICROELECTRONICS-PSD835G2-70UT Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2-90UIT STMICROELECTRONICS-PSD835G2-90UIT Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2-90UT STMICROELECTRONICS-PSD835G2-90UT Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
More results

Similar Description - PSD835G3-C-12B81I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
logo
Cypress Semiconductor
CY8C25122 CYPRESS-CY8C25122 Datasheet
1Mb / 148P
   8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
logo
List of Unclassifed Man...
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
   Triscend A7S Configurable System-on-Chip Platform
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com