Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

149DSJ32S103SE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 149DSJ32S103SE
Description  1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

149DSJ32S103SE Datasheet(HTML) 4 Page - Vishay Siliconix

  149DSJ32S103SE Datasheet HTML 1Page - Vishay Siliconix 149DSJ32S103SE Datasheet HTML 2Page - Vishay Siliconix 149DSJ32S103SE Datasheet HTML 3Page - Vishay Siliconix 149DSJ32S103SE Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 149DSJ32S103SE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
149 ETC2-149 Datasheet
355Kb / 1P
   INTERCONNECT BATTERY HOLDERS
logo
Vishay Siliconix
149 VISHAY-149 Datasheet
125Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
01-Jan-2022
logo
3M Electronics
149-5865 3M-149-5865 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
149-5866 3M-149-5866 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
149-5867 3M-149-5867 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
More results

Similar Description - 149DSJ32S103SE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
248 VISHAY-248_V01 Datasheet
82Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
01-Jan-2022
248 VISHAY-248 Datasheet
97Kb / 3P
   1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
Revision: 02-Jul-07
148 VISHAY-148_V01 Datasheet
125Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
01-Jan-2022
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision: 29-Jun-06
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision 15-Apr-02
P11 VISHAY-P11 Datasheet
260Kb / 14P
   12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 16-Jun-08
142 VISHAY-142 Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
208 VISHAY-208 Datasheet
103Kb / 4P
   1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
01-Jan-2022
logo
List of Unclassifed Man...
VR24 ETC-VR24 Datasheet
415Kb / 1P
   CERMET TRIMMING POTENTIOMETERS
logo
Vishay Siliconix
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com