Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR64V-05W-V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAR64V-05W-V
Description  RF PIN Diodes - Dual, Common Cathode in SOT323
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAR64V-05W-V Datasheet(HTML) 1 Page - Vishay Siliconix

  BAR64V-05W-V Datasheet HTML 1Page - Vishay Siliconix BAR64V-05W-V Datasheet HTML 2Page - Vishay Siliconix BAR64V-05W-V Datasheet HTML 3Page - Vishay Siliconix BAR64V-05W-V Datasheet HTML 4Page - Vishay Siliconix BAR64V-05W-V Datasheet HTML 5Page - Vishay Siliconix BAR64V-05W-V Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BAR64V-05W-V
Document Number 81836
Rev. 1.1, 25-Feb-08
Vishay Semiconductors
www.vishay.com
1
18380
1
2
3
12
3
For technical support, please contact: Diodes-SSP@vishay.com
RF PIN Diodes - Dual, Common Cathode in SOT323
Description
Characterized by low reverse Capacitance the PIN
Diodes BAR64V-05W-V was designed for RF signal
switching and tuning. As a function of the forward
bias current the forward resistance (RF) can be
adjusted over a wide range. A long carrier life time
offers low signal distortion for signals over 10 MHz up
to 3 GHz. Typical applications for these PIN Diodes
are switches and attenuators in wireless, mobile and
TV-systems.
Features
• High voltage current controlled RF resistor
• Small diode capacitance
• Low series inductance
• Low forward resistance
• Improved performance due to two seperated dice
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• For frequencies up to 3 GHz
• RF-signal tuning
• Signal attenuator and switches
• Mobile, wireless and TV-Applications
Mechanical Data
Case: SOT323 plastic case
Weight: approx. 6.0 mg
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Marking
Remarks
BAR64V-05W-V
BAR64V-05W-V-GS18 or BAR64V-05W-V-GS08
DW5
Tape and reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
100
V
Forward current
IF
100
mA
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
e3


Similar Part No. - BAR64V-05W-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAR64V-05W-V VISHAY-BAR64V-05W-V Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
More results

Similar Description - BAR64V-05W-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.5, 25-Feb-13
BAR64-05W VISHAY-BAR64-05W Datasheet
110Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
01-Jan-2022
BAR64V-05 VISHAY-BAR64V-05 Datasheet
100Kb / 4P
   RF PIN Diodes - Dual, Common Cathode in SOT-23
Rev. 1.2, 26-Apr-04
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
   DUAL DIODES - CATHODE COMMON
logo
Vishay Siliconix
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
logo
Nihon Inter Electronics...
EA60QC03L NIEC-EA60QC03L Datasheet
46Kb / 6P
   SBD DUAL DIODES CATHODE COMMON
FCQ10A03L NIEC-FCQ10A03L Datasheet
44Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
FCQ20B06 NIEC-FCQ20B06 Datasheet
46Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
KCF16A60 NIEC-KCF16A60 Datasheet
42Kb / 4P
   FRD DUAL DIODES CATHODE COMMON
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com