Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCA12E102100182E Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRCA12E102100182E
Description  Thick Film Array, Resistor/Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCA12E102100182E Datasheet(HTML) 2 Page - Vishay Siliconix

  CRCA12E102100182E Datasheet HTML 1Page - Vishay Siliconix CRCA12E102100182E Datasheet HTML 2Page - Vishay Siliconix CRCA12E102100182E Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 31044
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 15-Jan-07
281
CRCA
Thick Film Array, Resistor/Capacitor
Vishay Dale
DIMENSIONS
Note
1. The images shown are for an 8 pin Part. For a 10 pin part, use the same pitch and add another pair of “a” dimension pads to the inner solder
pads.
SCHEMATICS
GLOBAL
MODEL
PIN
NO#
SIZE
DIMENSIONS [in millimeters]
INCH METRIC
L
W
T
B
B*
A
A*
DNOM
PNOM
CRCA12E
8
2012
5032
5.1 ± 0.15 3.05 ± 0.15 0.61 ± 0.10 0.51 ± 0.25 0.38 ± 0.2 0.79 ± 0.15
-
0.25
1.27
CRCA12S
8
2012
5032
5.1 ± 0.15 3.05 ± 0.15 0.61 ± 0.10 0.51 ± 0.25 0.38 ± 0.2 0.79 ± 0.15 0.89 ± 0.15
0.25
1.27
CRCA12E
10
2512
6432
6.4 ± 0.15 3.05 ± 0.15 0.61 ± 0.10 0.51 ± 0.25 0.38 ± 0.2 0.79 ± 0.15
-
0.25
1.27
CRCA12S
10
2512
6432
6.4 ± 0.15 3.05 ± 0.15 0.61 ± 0.10 0.51 ± 0.25 0.38 ± 0.2 0.79 ± 0.15 0.89 ± 0.15
0.25
1.27
SOLDER PAD DIMENSIONS [in millimeters]
cw
d
p
a
b
e
WAVE SOLDERING
2.2
4.3
0.57
1.27
0.71
1.05
1.09
REFLOW SOLDERING
2.2
3.9
0.57
1.27
0.71
0.86
1.09
E-Version
8-Terminal device
S-Version
e
a
01 Circuit
CRCA12E & S
10 Pin only
02 Circuit
CRCA12E & S
10 Pin only
03 Circuit
CRCA12E & S
8 Pin
10 Pin
Derating
- 55
- 25
0
25
50
75
100
125
150 175
120
100
80
60
40
20
0
Ambient Temperature in °C
70
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST RESULTS
RC
Endurance Test at 70 °C MIL-Std-202 Method 108
1000 hours at 70 °C, 1.5 hours "ON", 0.5 hours "OFF"
± (5 % + 2
Ω)± 20 %
Dielectric Withstanding Voltage MIL-Std-202
Method 301
125 Vdc, 5 seconds, 50 mA charge
no physical damage
Thermal Shock MIL-Std-202 Method 107
100 cycles, - 55 to + 125 °C
± (5 % + 2
Ω)± 20 %
Moisture MIL-Std-202 Method 106
Omit steps 7A and B
± (5 % + 2
Ω)± 20 %
Resistance to Soldering Heat EIA 575
10 seconds at 260 °C solder bath temperature
± (5 % + 2
Ω)± 20 %
High Temperature Exposure EIA 575
125 °C for 100 hours
± (5 % + 2
Ω)± 20 %
Low Temperature Operation EIA 575
1 hour at - 55 °C then 45 minutes at 50 V
± (5 % + 2
Ω)± 20 %
Solderability & Leaching EIA 575 3.12
Condition C
95 % Coverage
APPLICABLE SPECIFICATIONS
• IPC Standards
•EIA 575


Similar Part No. - CRCA12E102100182E

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
CRC-1 POWERDYNAMICS-CRC-1 Datasheet
45Kb / 1P
   IEC CONNECTOR RETAINING CLAMP FOR IEC 60320 C13
logo
MERITEK ELECTRONICS COR...
CRC10102M103J88 MERITEK-CRC10102M103J88 Datasheet
281Kb / 1P
   CAPACITOR/RESISTOR NETWORKS
logo
NXP Semiconductors
CRC12062400FKEA NXP-CRC12062400FKEA Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
logo
List of Unclassifed Man...
CRC32C1 ETC2-CRC32C1 Datasheet
36Kb / 1P
   HC-49/US SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
CRC32C1 CALIBER-CRC32C1 Datasheet
41Kb / 1P
   HC-49/US SMD Microprocessor Crystals
More results

Similar Description - CRCA12E102100182E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com