Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCC1206100F271KTF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCC1206100F271KTF
Description  Thick Film, Rectangular, Resistor/Capacitor Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCC1206100F271KTF Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCC1206100F271KTF Datasheet HTML 1Page - Vishay Siliconix CRCC1206100F271KTF Datasheet HTML 2Page - Vishay Siliconix CRCC1206100F271KTF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film, Rectangular, Resistor/Capacitor Chip
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31045
186
Revision: 12-Jan-07
CRCC
Vishay Dale
FEATURES
Single component reduces board space and
component counts
• Choice of Dielectric Characteristics X7R or Y5U
• Wrap around termination
• Thick film Resistor/Capacitor element
• Inner electrode protection
• Flow & Reflow solderable
• Automatic placement capability, standard size
Notes
• Packaging: see appropriate catalog or web page
• Power rating depends on the maximum temperature at the solder point, the component placement density and the substrate material
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
RESISTOR
CAPACITOR
INCH METRIC
POWER RATING
P70 °C
W
TEMPERATURE
COEFFICIENT
ppm/°C
TOL
%
VALUE
RANGE
Ω
DIELECTRIC
TEMPERATURE
COEFFICIENT
%
TOL.
%
VOLTAGE
RATING
VDC
VALUE
RANGE
pF
CRCC1206
1206
3216
0.125
200
5
10R - 1M0
X7R
± 15
20
50
10 - 270
CRCC1206
1206
3216
0.125
200
5
10R - 1M0
Y5U
+ 22, - 56
20
50
270 - 1800
RESISTOR
• Operating Temperature Range: - 55 °C to + 125 °C
• Technology: thick film
CAPACITOR
• Operating Temperature Range: X7R - 55 °C to + 125 °C
Y5U - 30 °C to + 85 °C
• Maximum Dissipation Factor:
2.5 %
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR
X7R CAPACITOR
Y5U CAPACITOR
Rated Dissipation at 70 °C
W
0.125
Capacitor Voltage Rating
V
50
50
Dielectric Withstanding Voltage
(5 seconds, 50mA Charge)
Vdc
125
125
Category Temperature Range
°C
- 55/+ 155
- 55/+ 125
- 30/+ 85
Insulation Resistance
Ω
> 1010
> 1010
> 1010
Weight/1000 pieces
g
0.65
2
5.5
GLOBAL MODEL
RESISTANCE VALUE
RES. TOLERANCE
CAPACITANCE VALUE (pF)
CAP. TOLERANCE
PACKAGING
CRCC1206
2 digit significant figure,
F = ± 1 %
2 digit significant figure,
K = ± 10 %
EA = Lead (Pb)-free,
T/R (4000 pcs)
followed by a multiplier
G = ± 2 %
followed by a multiplier
M = ± 20 %
100 = 10
Ω
J = ± 5 %
100 = 10 pF
683 = 68 k
Ω
271 = 270 pF
105 = 1.0 M
Ω
182 = 1800 pF
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CRCC1206472J220MTF (preferred part numbering format)
C
R
C
C
1
2
06
4
7
2J
2
2
0
M
T
F
Historical Part Number example: CRCC1206472J220MR02 (will continue to be accepted)
CRCC1206
472
J
220
M
R02
MODEL
RESISTANCE VALUE
RES. TOLERANCE
CAPACITANCE VALUE
CAP. TOLERANCE
PACKAGING
TF = Tin/Lead,
T/R (4000 pcs)


Similar Part No. - CRCC1206100F271KTF

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
CRC-1 POWERDYNAMICS-CRC-1 Datasheet
45Kb / 1P
   IEC CONNECTOR RETAINING CLAMP FOR IEC 60320 C13
logo
MERITEK ELECTRONICS COR...
CRC10102M103J88 MERITEK-CRC10102M103J88 Datasheet
281Kb / 1P
   CAPACITOR/RESISTOR NETWORKS
logo
NXP Semiconductors
CRC12062400FKEA NXP-CRC12062400FKEA Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
logo
List of Unclassifed Man...
CRC32C1 ETC2-CRC32C1 Datasheet
36Kb / 1P
   HC-49/US SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
CRC32C1 CALIBER-CRC32C1 Datasheet
41Kb / 1P
   HC-49/US SMD Microprocessor Crystals
More results

Similar Description - CRCC1206100F271KTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0201 VISHAY-CRCW0201 Datasheet
30Kb / 2P
   Thick Film Rectangular, Chip Resistor
Revision 21-Jan-02
CRCW0402-P VISHAY-CRCW0402-P Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW08054M99FKEA VISHAY-CRCW08054M99FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0402143RFKED VISHAY-CRCW0402143RFKED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0603270KFKEA VISHAY-CRCW0603270KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206316RFKEA VISHAY-CRCW1206316RFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06031K18FKEA VISHAY-CRCW06031K18FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW12061M58FKEA VISHAY-CRCW12061M58FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206681KFKEA VISHAY-CRCW1206681KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06038K87FKEA VISHAY-CRCW06038K87FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com