Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSFF5210 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSFF5210
Description  High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSFF5210 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSFF5210 Datasheet HTML 1Page - Vishay Siliconix TSFF5210 Datasheet HTML 2Page - Vishay Siliconix TSFF5210 Datasheet HTML 3Page - Vishay Siliconix TSFF5210 Datasheet HTML 4Page - Vishay Siliconix TSFF5210 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81090
132
Rev. 1.6, 04-Aug-08
TSFF5210
Vishay Semiconductors
High Speed Infrared Emitting Diode, RoHS
Compliant, 870 nm, GaAlAs Double Hetero
Note
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
Note
Tamb = 25 °C, unless otherwise specified
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from case
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, leads 7 mm, soldered on PCB
RthJA
230
K/W
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
0
20
40
60
80
100
120
140
160
180
200
010
20
30
40
50
60
70
80
90 100
21142
T
amb - Ambient Temperature (°C)
R
thJA = 230 K/W
0
20
40
60
80
100
120
0
10
203040
506070
80
90 100
T
amb - Ambient Temperature (°C)
21143
R
thJA = 230 K/W
BASIC CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.5
1.8
V
IF = 1 A, tp = 100 µs
VF
2.3
3.0
V
Temperature coefficient of VF
IF = 1 mA
TKVF
- 1.8
mV/K
Reverse current
VR = 5 V
IR
10
µA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
125
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
120
180
360
mW/sr
IF = 1 A, tp = 100 µs
Ie
1800
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
φ
e
50
mW
Temperature coefficient of
φ
e
IF = 100 mA
TK
φ
e
- 0.35
%/K
Angle of half intensity
ϕ
± 10
deg
Peak wavelength
IF = 100 mA
λ
p
870
nm
Spectral bandwidth
IF = 100 mA
Δλ
40
nm
Temperature coefficient of
λ
p
IF = 100 mA
TK
λ
p
0.25
nm/K
Rise time
IF = 100 mA
tr
15
ns
Fall time
IF = 100 mA
tf
15
ns
Cut-off frequency
IDC = 70 mA, IAC = 30 mA pp
fc
24
MHz
Virtual source diameter
d
3.7
mm


Similar Part No. - TSFF5210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.5, 28-Nov-06
TSFF5210 VISHAY-TSFF5210 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
TSFF5210 VISHAY-TSFF5210_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
More results

Similar Description - TSFF5210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSFF5410 VISHAY-TSFF5410_08 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.6, 21-Jul-08
TSFF5510 VISHAY-TSFF5510_08 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.1, 16-Sep-08
VSMF4710 VISHAY-VSMF4710 Datasheet
136Kb / 6P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSFF6210 VISHAY-TSFF6210 Datasheet
118Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.0, 05-Sep-08
VSMF4720 VISHAY-VSMF4720 Datasheet
137Kb / 6P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.0, 05-Sep-08
TSMF3710 VISHAY-TSMF3710 Datasheet
129Kb / 8P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 21-Feb-07
TSFF5510 VISHAY-TSFF5510 Datasheet
106Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.0, 07-Feb-08
TSFF6210 VISHAY-TSFF6210_V01 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
VSMF4720 VISHAY-VSMF4720_V01 Datasheet
143Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210_V02 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com