Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCC1206100G182KTF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRCC1206100G182KTF
Description  Thick Film, Rectangular, Resistor/Capacitor Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCC1206100G182KTF Datasheet(HTML) 2 Page - Vishay Siliconix

  CRCC1206100G182KTF Datasheet HTML 1Page - Vishay Siliconix CRCC1206100G182KTF Datasheet HTML 2Page - Vishay Siliconix CRCC1206100G182KTF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 31045
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 12-Jan-07
187
CRCC
Thick Film, Rectangular, Resistor/Capacitor Chip
Vishay Dale
DIMENSIONS
SIZE
DIMENSIONS [in millimeters]
INCH METRIC
L
W
H
T1
T2
1206
3216
3.2 ± 0.15 1.6 ± 0.15 0.55 ± 0.15 0.5 ± 0.25 0.5 ± 0.25
SIZE
SOLDER PAD DIMENSIONS [in millimeters]
REFLOW SOLDERING WAVE SOLDERING
INCH
METRIC
a
b
l
a
b
l
1206
3216
0.9
1.7
2.0
1.1
1.7
2.2
Derating
- 55
- 25
0
25
50
75
100
125
150 175
120
100
80
60
40
20
0
Ambient Temperature in °C
70
SCHEMATIC
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST RESULTS
RC
Endurance Test at 70 °C
MIL-Std-202 Method 108
1000 hours at 70 °C, 1.5 hours "ON", 0.5 hours "OFF"
± (5 % + 2
Ω)
± 20 %
Dielectric Withstanding Voltage
MIL-Std-202 Method 301
125 Vdc, 5 seconds, 50 mA charge
no physical damage
Thermal Shock
MIL-Std-202 Method 107
100 cycles, - 55 to + 125 °C
± (5 % + 2
Ω)
± 20 %
Moisture
MIL-Std-202 Method 106
Omit steps 7A and B
± (5 % + 2
Ω)
± 20 %
Resistance to Soldering Heat
EIA 575
10 seconds at 260 °C solder bath temperature
± (5 % + 2
Ω)
± 20 %
High Temperature Exposure
EIA 575
125 °C for 100 hours
± (5 % + 2
Ω)
± 20 %
Low Temperature Operation
EIA 575
1 hour at - 55 °C then 45 minutes at 50 V
± (5 % + 2
Ω)
± 20 %
Solderability & Leaching
EIA 575 3.12
Condition C
95 % Coverage
APPLICABLE SPECIFICATIONS
• IPC Standards
•EIA 575


Similar Part No. - CRCC1206100G182KTF

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
CRC-1 POWERDYNAMICS-CRC-1 Datasheet
45Kb / 1P
   IEC CONNECTOR RETAINING CLAMP FOR IEC 60320 C13
logo
MERITEK ELECTRONICS COR...
CRC10102M103J88 MERITEK-CRC10102M103J88 Datasheet
281Kb / 1P
   CAPACITOR/RESISTOR NETWORKS
logo
NXP Semiconductors
CRC12062400FKEA NXP-CRC12062400FKEA Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
logo
List of Unclassifed Man...
CRC32C1 ETC2-CRC32C1 Datasheet
36Kb / 1P
   HC-49/US SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
CRC32C1 CALIBER-CRC32C1 Datasheet
41Kb / 1P
   HC-49/US SMD Microprocessor Crystals
More results

Similar Description - CRCC1206100G182KTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0201 VISHAY-CRCW0201 Datasheet
30Kb / 2P
   Thick Film Rectangular, Chip Resistor
Revision 21-Jan-02
CRCW0402-P VISHAY-CRCW0402-P Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW08054M99FKEA VISHAY-CRCW08054M99FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0402143RFKED VISHAY-CRCW0402143RFKED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0603270KFKEA VISHAY-CRCW0603270KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206316RFKEA VISHAY-CRCW1206316RFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06031K18FKEA VISHAY-CRCW06031K18FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW12061M58FKEA VISHAY-CRCW12061M58FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206681KFKEA VISHAY-CRCW1206681KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06038K87FKEA VISHAY-CRCW06038K87FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com