Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

149DXN32F103ZE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 149DXN32F103ZE
Description  1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

149DXN32F103ZE Datasheet(HTML) 1 Page - Vishay Siliconix

  149DXN32F103ZE Datasheet HTML 1Page - Vishay Siliconix 149DXN32F103ZE Datasheet HTML 2Page - Vishay Siliconix 149DXN32F103ZE Datasheet HTML 3Page - Vishay Siliconix 149DXN32F103ZE Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/2" (12.7 mm) Conductive Plastic and Cermet
Potentiometers
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57040
102
See also: Application notes
Revision: 31-Jul-06
148, 149
Vishay Spectrol
148 FEATURES
Conductive plastic element
• High rotational life (50 000 cycles)
• Quiet electrical output
• Robust construction
149 FEATURES
• Cermet element
• Low temperature coefficient (± 150 ppm/°C)
• Robust construction
DIMENSIONS in inches (millimeters)
Tolerances unless otherwise specified ± 0.5
MOUNTING ACCESSORIES: PRODUCT IS SUPPLIED
WITH A NUT & WASHER
OPTIONAL FEATURES
Up to three sections PC support plates
Rotary switches, detents, Solder lugs terminals
CONSTRUCTION MATERIALS
Housing - Molded thermoplastic white
Shaft - Brass, nickel plated
RoHS
COMPLIANT
0.492
(12.50)
0.648
(16.45)
0.185
(4.70)
0.031
(0.80)
0.024
(0.60)
0.100
(2.54)
0.100
(2.54)
0.300
(7.62)
0.348
(8.83)
0.250
(6.35)
thread 1/4 32-NEF-2A
0.012
(0.030)
0.200
(5.07)
SINGLE, DUAL OR TRIPLE
FRONT AND REAR SUPPORT PLATES
E = Flush with board surface
Dual
Single
0.25
(6.35)
0.3
(7.62)
0.151
(3.85)
0.06
(1.52)
0.25
(6.38)
0.06
(1.52)
0.151
(1.52)
0.492
(12.50)
0.031
(0.80)
0.1
(2.54)
0.2
(5.08)
0.185
(4.70)
0.1
(2.54)
0.2
(5.08)
SOLDER LUG TERMINALS
0.375
(9.520)
0.012
(0.300)
0.188
(1.770)
thread 3/8 32-NEF-2A
0.492
(12.500)
0.047
(1.200)
0.315
(8.000)
0.035
(0.900)
0.071
(1.800)
0.183
(4.650)
0.183
(4.650)


Similar Part No. - 149DXN32F103ZE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
149 ETC2-149 Datasheet
355Kb / 1P
   INTERCONNECT BATTERY HOLDERS
logo
Vishay Siliconix
149 VISHAY-149 Datasheet
125Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
01-Jan-2022
logo
3M Electronics
149-5865 3M-149-5865 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
149-5866 3M-149-5866 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
149-5867 3M-149-5867 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
More results

Similar Description - 149DXN32F103ZE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
248 VISHAY-248_V01 Datasheet
82Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
01-Jan-2022
248 VISHAY-248 Datasheet
97Kb / 3P
   1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
Revision: 02-Jul-07
148 VISHAY-148_V01 Datasheet
125Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
01-Jan-2022
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision: 29-Jun-06
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision 15-Apr-02
P11 VISHAY-P11 Datasheet
260Kb / 14P
   12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 16-Jun-08
142 VISHAY-142 Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
208 VISHAY-208 Datasheet
103Kb / 4P
   1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
01-Jan-2022
logo
List of Unclassifed Man...
VR24 ETC-VR24 Datasheet
415Kb / 1P
   CERMET TRIMMING POTENTIOMETERS
logo
Vishay Siliconix
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com