Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZU7B1L Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HZU7B1L
Description  Silicon Planar Zener Diode for Low Noise Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU7B1L Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZU7B1L Datasheet HTML 1Page - Renesas Technology Corp HZU7B1L Datasheet HTML 2Page - Renesas Technology Corp HZU7B1L Datasheet HTML 3Page - Renesas Technology Corp HZU7B1L Datasheet HTML 4Page - Renesas Technology Corp HZU7B1L Datasheet HTML 5Page - Renesas Technology Corp HZU7B1L Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HZU-L Series
REJ03G0043-0400 Rev.4.00 Oct 29, 2007
Page 2 of 5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V) *
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
HZU6A1L
5.2
5.5
HZU6A2L
5.3
5.6
HZU6A3L
5.4
5.7
0.5
1
2.0
150
0.5
HZU6B1L
5.5
5.8
HZU6B2L
5.6
5.9
HZU6B3L
5.7
6.0
0.5
1
2.0
80
0.5
HZU6C1L
5.8
6.1
HZU6C2L
6.0
6.3
HZU6C3L
6.1
6.4
0.5
1
2.0
60
0.5
HZU7A1L
6.3
6.6
HZU7A2L
6.4
6.7
HZU7A3L
6.6
6.9
HZU7B1L
6.7
7.0
HZU7B2L
6.9
7.2
HZU7B3L
7.0
7.3
HZU7C1L
7.2
7.6
HZU7C2L
7.3
7.7
HZU7C3L
7.5
7.9
0.5
1
3.5
60
0.5
HZU9A1L
7.7
8.1
HZU9A2L
7.9
8.3
HZU9A3L
8.1
8.5
HZU9B1L
8.3
8.7
HZU9B2L
8.5
8.9
HZU9B3L
8.7
9.1
HZU9C1L
8.9
9.3
HZU9C2L
9.1
9.5
HZU9C3L
9.3
9.7
0.5
1
6.0
60
0.5
HZU11A1L
9.5
9.9
HZU11A2L
9.7
10.1
HZU11A3L
9.9
10.3
HZU11B1L
10.2
10.6
HZU11B2L
10.4
10.8
HZU11B3L
10.7
11.1
HZU11C1L
10.9
11.3
HZU11C2L
11.1
11.6
HZU11C3L
11.4
11.9
0.5
1
8.0
80
0.5
Note:
1. Tested with DC.


Similar Part No. - HZU7B1L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZU7.5 RENESAS-HZU7.5 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU7.5G RENESAS-HZU7.5G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results

Similar Description - HZU7B1L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZS-L RENESAS-HZS-L Datasheet
74Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
HZ12C3L RENESAS-HZ12C3L Datasheet
52Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
Rev.2.00 Mar.11.2004
HZS-LL RENESAS-HZS-LL Datasheet
67Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
Rev.2.00 Jan.06.2004
HZU3ALLTRF-E RENESAS-HZU3ALLTRF-E Datasheet
183Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZU-LL RENESAS-HZU-LL Datasheet
87Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZ-LL RENESAS-HZ-LL Datasheet
49Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Hitachi Semiconductor
HZ-LL HITACHI-HZ-LL Datasheet
20Kb / 4P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
   SILICON PLANAR LOW NOISE ZENER DIODES
logo
Renesas Technology Corp
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com