Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMK3201 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TLMK3201
Description  Power SMD LED PLCC-4
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMK3201 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TLMK3201 Datasheet HTML 4Page - Vishay Siliconix TLMK3201 Datasheet HTML 5Page - Vishay Siliconix TLMK3201 Datasheet HTML 6Page - Vishay Siliconix TLMK3201 Datasheet HTML 7Page - Vishay Siliconix TLMK3201 Datasheet HTML 8Page - Vishay Siliconix TLMK3201 Datasheet HTML 9Page - Vishay Siliconix TLMK3201 Datasheet HTML 10Page - Vishay Siliconix TLMK3201 Datasheet HTML 11Page - Vishay Siliconix TLMK3201 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
8
Document Number 83146
Rev. 1.5, 24-Sep-07
Vishay Semiconductors
TLMK/O/S/Y320.
Figure 21. Relative Luminous Intensity vs. Forward Current
Figure 22. Change of Dominant Wavelength vs. Forward Current
Figure 23. Relative Intensity vs. Wavelength
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
17023
soft orange
- 1.5
- 1.0
- 0.5
0.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
90 100
17024
I
F - Forward Current (mA)
soft orange
0.0
0.2
0.4
0.6
0.8
1.0
1.2
540
560
580
600
620
640
λ - Wavelength (nm)
16008
yellow
Figure 24. Change of Forward Voltage vs. Ambient Temperature
Figure 25. Relative Luminous Intensity vs. Amb. Temperature
Figure 26. Change of Dominant Wavelength vs.
Ambient Temperature
- 200
- 150
- 100
- 50
0
50
100
150
200
250
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
17015
10 mA
30 mA
50 mA
yellow
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
17016
yellow
- 6
- 4
- 2
0
2
4
6
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
17017
yellow


Similar Part No. - TLMK3201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
TLMK32T2AA-GS18 VISHAY-TLMK32T2AA-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
TLMK32T2V1-GS18 VISHAY-TLMK32T2V1-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
TLMK32U2AA-GS18 VISHAY-TLMK32U2AA-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
More results

Similar Description - TLMK3201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW32T2V1-5K8L-08 VISHAY-VLMW32T2V1-5K8L-08 Datasheet
293Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.1, 20-Jul-07
VLMR32 VISHAY-VLMR32 Datasheet
217Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 16-May-13
VLMW321ABBB5K8L-08 VISHAY-VLMW321ABBB5K8L-08 Datasheet
910Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 25-Apr-13
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMPG32 VISHAY-VLMPG32 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
   Power SMD LED PLCC-4
VLMPG32P1Q1-GS08 TO-GRACE-VLMPG32P1Q1-GS08 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
logo
Vishay Siliconix
VLMK322U1V2-GS08 VISHAY-VLMK322U1V2-GS08 Datasheet
239Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.3, 16-May-13
VLMK32ABBB-GS08 VISHAY-VLMK32ABBB-GS08 Datasheet
232Kb / 11P
   Power SMD LED PLCC-4
Rev. 1.0, 25-Feb-08
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.0, 05-May-08
TLMK32T2V1-GS18 VISHAY-TLMK32T2V1-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com