Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMKE3400-GS08 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMKE3400-GS08
Description  Bicolor SMD LED PLCC-4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMKE3400-GS08 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMKE3400-GS08 Datasheet HTML 1Page - Vishay Siliconix TLMKE3400-GS08 Datasheet HTML 2Page - Vishay Siliconix TLMKE3400-GS08 Datasheet HTML 3Page - Vishay Siliconix TLMKE3400-GS08 Datasheet HTML 4Page - Vishay Siliconix TLMKE3400-GS08 Datasheet HTML 5Page - Vishay Siliconix TLMKE3400-GS08 Datasheet HTML 6Page - Vishay Siliconix TLMKE3400-GS08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83227
Rev. 1.4, 25-Sep-07
Vishay Semiconductors
TLMKE340.
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Rel. Luminous Intensity vs. Ambient Temperature
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
1
10
100
1.0
1.5
2.0
2.5
3.0
V
F - Forward Voltage (V)
95 10878-1
Yellow/Red
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10 2030 4050 6070 80 90 100
T
amb - Ambient Temperature (°C)
95 10880-1
I
F = 20 mA
Yellow
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
Figure 7. Relative Luminous Intensity vs. Forward Current
Figure 8. Relative Intensity vs. Wavelength
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1020 3040 5060 70 80 90 100
T
amb - Ambient Temperature (°C)
16618-1
Red
0.01
0.1
1.0
10
1
10
100
I
F - Forward Current (mA)
96 11588-1
Yellow/Red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
600 610 620 630 640 650 660 670 680 690 700
λ - Wavelength (nm)
96 12075-1
Red


Similar Part No. - TLMKE3400-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK310 VISHAY-TLMK310 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
TLMK3100 VISHAY-TLMK3100 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A2, 04-Feb-99
TLMK3100-GS08 VISHAY-TLMK3100-GS08 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
TLMK3102 VISHAY-TLMK3102 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMK3102-GS08 VISHAY-TLMK3102-GS08 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
More results

Similar Description - TLMKE3400-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMSY3420 VISHAY-VLMSY3420 Datasheet
181Kb / 10P
   Bicolor SMD LED PLCC-4
Rev. 1.3, 10-Jul-08
VLMRY3420 VISHAY-VLMRY3420 Datasheet
178Kb / 10P
   Bicolor SMD LED PLCC-4
Rev. 1.2, 06-Sep-07
VLMSY3420 VISHAY-VLMSY3420_V01 Datasheet
173Kb / 8P
   Bicolor SMD LED PLCC-4
02-Oct-12
logo
HK TO-GRACE TECHNOLOGY ...
VLMSY3420 TO-GRACE-VLMSY3420 Datasheet
684Kb / 8P
   Bicolor SMD LED PLCC-4
logo
Vishay Siliconix
VLMKE3401 VISHAY-VLMKE3401_V02 Datasheet
177Kb / 9P
   Bicolor SMD LED PLCC-4
01-Jan-2023
VLMKE3400-GS08 VISHAY-VLMKE3400-GS08 Datasheet
172Kb / 9P
   Bicolor SMD LED PLCC-4
Rev. 1.1, 30-Aug-07
VLMKE340 VISHAY-VLMKE340 Datasheet
162Kb / 9P
   Bicolor SMD LED PLCC-4
Rev. 1.3, 04-Dec-15
VLMKE3400 VISHAY-VLMKE3400 Datasheet
172Kb / 8P
   Bicolor SMD LED PLCC-4
Rev. 1.3, 26-Apr-13
VLMKE3401 VISHAY-VLMKE3401_V01 Datasheet
171Kb / 9P
   Bicolor SMD LED PLCC-4
01-Jan-2022
VLMRY3420 VISHAY-VLMRY3420_V01 Datasheet
174Kb / 9P
   Bicolor SMD LED PLCC-4
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com