Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOMC16011003BT1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TOMC16011003BT1
Description  Molded, 50 Mil Pitch Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOMC16011003BT1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TOMC16011003BT1 Datasheet HTML 1Page - Vishay Siliconix TOMC16011003BT1 Datasheet HTML 2Page - Vishay Siliconix TOMC16011003BT1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOMC
Vishay Thin Film
Document Number: 60008
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 05-Mar-08
27
Molded, 50 Mil Pitch Resistor Networks
Vishay Thin Film offers standard circuits in 16 pin in
a medium body molded surface mount package. The
networks are available over a resistance range of 100
Ω to
100 k
Ω. The network features tight ratio tolerances and
close TCR tracking. In addition to the standards shown,
custom circuits are available upon request.
SCHEMATIC
FEATURES
• Lead (Pb)-free available
• 0.090" (2.29 mm) maximum seated height
• Rugged, molded case construction (0.22" wide)
• Highly stable thin film (500 ppm at 70 °C,
10 000 h)
• Low temperature coefficient, ± 25 ppm/°C
(- 55 °C to + 125 °C)
• Wide resistance range 100 Ω to 100 kΩ
• Isolated/Bussed circuits
TYPICAL PERFORMANCE
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
TOMC-1601
Pin No. 1
Ref.
01 circuit
The 01 circuit provides 15
nominally equal resistors,
each connected between
a common lead (16) and a
discrete PC board pin.
ABS
TRACKING
TCR
25
5
ABS
RATIO
TOL
0.1
0.025
Available
Pb-free
RoHS*
COMPLIANT
TOMC-1603
Pin No. 1
Ref.
03 circuit
The 03 circuit provides a
choice
of
8
nominally
equal resistors with each
resistor isolated from all
others and wired directly
across.
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Pin Number
16
Resistance Range
100
Ω to 100 kΩ
TCR:
Tracking
± 5 ppm/°C
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.5 %, ± 0.1 %, ± 0.05 %, ± 0.025 %
+ 25 °C
Absolute
± 0.1 %, ± 0.5 %, ± 0.25 %, ± 0.1 %
+ 25 °C
Power Rating:
Resistor
Pin 1 Common = 50 mW Isolated = 100 mW
Max. at + 70 °C
Package
750 mW
Max. at + 70 °C
Stability:
ΔR Absolute
500 ppm
2000 h at + 70 °C
ΔR Ratio
150 ppm
2000 h at + 70 °C
Voltage Coefficient
0.1 ppm/V
Working Voltage
50 V
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 150 °C
Noise
< - 30 dB
Thermal EMF
0.08 µV/°C
Shelf Life Stability:
Absolute
100 ppm
1 year at + 25 °C
Ratio
20 ppm
1 year at + 25 °C


Similar Part No. - TOMC16011003BT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOMC16011003BT1 VISHAY-TOMC16011003BT1 Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
More results

Similar Description - TOMC16011003BT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
WOMC VISHAY-WOMC Datasheet
106Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 10-May-06
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
WOMC VISHAY-WOMC_08 Datasheet
249Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 15-May-07
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com