Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAY80 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAY80
Description  Small Signal Switching Diode, High Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAY80 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAY80_08 Datasheet HTML 1Page - Vishay Siliconix BAY80_08 Datasheet HTML 2Page - Vishay Siliconix BAY80_08 Datasheet HTML 3Page - Vishay Siliconix BAY80_08 Datasheet HTML 4Page - Vishay Siliconix BAY80_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAY80
Document Number 85553
Rev. 1.8, 19-Feb-07
Vishay Semiconductors
www.vishay.com
1
94 9367
Small Signal Switching Diode, High Voltage
Features
• Silicon Epitaxial Planar Diode
• Lead (Pb)-free component
• Component in accordance to RoHS
2002/95/EC and WEEE 2002/96/EC
Applications
• General purpose
Mechanical Data
Case: DO35 Glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Type Marking
Remarks
BAY80
BAY80-TR or BAY80-TAP
BAY80
Tape and Reel/Ammopack
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
150
V
Reverse voltage
VR
120
V
Peak forward surge current
tp = 1 µs
IFSM
1A
Repetitive peak forward current
IFRM
625
mA
Forward continuous current
IF
250
mA
Average forward current
IFAV
200
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air l = 4 mm, TL = constant
RthJA
350
K/W
Junction to ambient air
Tj
+ 175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
e2


Similar Part No. - BAY80_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAY80 VISHAY-BAY80_12 Datasheet
106Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.9, 16-Jul-12
BAY80 VISHAY-BAY80_12 Datasheet
79Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.9, 16-Jul-12
BAY80 VISHAY-BAY80_V01 Datasheet
81Kb / 4P
   Small Signal Switching Diode, High Voltage
02-Oct-12
More results

Similar Description - BAY80_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSD2004W-V VISHAY-GSD2004W-V_12 Datasheet
57Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.6, 12-Aug-10
BAY135 VISHAY-BAY135_08 Datasheet
113Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.7, 19-Feb-07
GSD2004W-G VISHAY-GSD2004W-G Datasheet
81Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.0, 13-May-13
BAY80 VISHAY-BAY80_12 Datasheet
79Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.9, 16-Jul-12
GSD2004WS VISHAY-GSD2004WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 2.1, 14-Jul-17
GSD2004WS-G VISHAY-GSD2004WS-G_V01 Datasheet
90Kb / 4P
   Small Signal Switching Diode, High Voltage
01-Jan-2022
S07B-M VISHAY-S07B-M Datasheet
80Kb / 6P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 20-Aug-10
GSD2004W-V VISHAY-GSD2004W-V Datasheet
82Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.5, 03-Jan-06
GSD2004WS VISHAY-GSD2004WS Datasheet
34Kb / 2P
   High-Voltage Small-Signal Switching Diode
14-May-02
GSD2004W VISHAY-GSD2004W Datasheet
95Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 22-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com