Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAY80-TR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAY80-TR
Description  Small Signal Switching Diode, High Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAY80-TR Datasheet(HTML) 2 Page - Vishay Siliconix

  BAY80-TR Datasheet HTML 1Page - Vishay Siliconix BAY80-TR Datasheet HTML 2Page - Vishay Siliconix BAY80-TR Datasheet HTML 3Page - Vishay Siliconix BAY80-TR Datasheet HTML 4Page - Vishay Siliconix BAY80-TR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85553
Rev. 1.8, 19-Feb-07
BAY80
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.1 mA
VF
400
520
mV
IF = 10 mA
VF
630
780
mV
IF = 50 mA
VF
730
920
mV
IF = 100 mA
VF
780
1000
mV
IF = 150 mA
VF
1070
mV
Reverse current
VR = 120 V
IR
100
nA
VR = 120 V, Tj = 150 °C
IR
100
µA
Breakdown voltage
IR = 100 µA, tp/T = 0.01,
tp = 0.3 ms
V(BR)
150
V
Diode capacitance
VR = 0, f = 1 MHz
CD
1.5
5
pF
Differential forward resistance
IF = 10 mA
rf
5
Ω
Reverse recovery time
IF = IR = 30 mA, iR = 3 mA,
RL = 100 Ω
trr
50
ns
Figure 1. Reverse Current vs. Junction Temperature
Figure 2. Forward Current vs. Forward Voltage
040
80
120
160
0.01
0.1
1
10
1000
Tj -Junction Temperature (°C)
200
94 9084
100
Scattering Limit
V
R = VRRM
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9085
Scattering Limit
T
j = 25 °C
Figure 3. Differential Forward Resistance vs. Forward Current
0.1
1
10
1
10
100
1000
IF - Forward Current (mA)
100
94 9089
T
j = 25 °C


Similar Part No. - BAY80-TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAY80 PHILIPS-BAY80 Datasheet
37Kb / 6P
   General purpose diode
1996 Sep 18
logo
Vishay Siliconix
BAY80 VISHAY-BAY80 Datasheet
40Kb / 4P
   Silicon Epitaxial Planar Diode
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
BAY80 FAIRCHILD-BAY80 Datasheet
47Kb / 1P
   General Purpose High Conductance Diodes
logo
SynSemi, Inc.
BAY80 SYNSEMI-BAY80 Datasheet
38Kb / 2P
   SWITCHING DIODE
logo
New Jersey Semi-Conduct...
BAY80 NJSEMI-BAY80 Datasheet
133Kb / 1P
   D0-35
More results

Similar Description - BAY80-TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSD2004W-V VISHAY-GSD2004W-V_12 Datasheet
57Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.6, 12-Aug-10
BAY135 VISHAY-BAY135_08 Datasheet
113Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.7, 19-Feb-07
GSD2004W-G VISHAY-GSD2004W-G Datasheet
81Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.0, 13-May-13
BAY80 VISHAY-BAY80_12 Datasheet
79Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.9, 16-Jul-12
GSD2004WS VISHAY-GSD2004WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 2.1, 14-Jul-17
GSD2004WS-G VISHAY-GSD2004WS-G_V01 Datasheet
90Kb / 4P
   Small Signal Switching Diode, High Voltage
01-Jan-2022
S07B-M VISHAY-S07B-M Datasheet
80Kb / 6P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 20-Aug-10
GSD2004W-V VISHAY-GSD2004W-V Datasheet
82Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.5, 03-Jan-06
GSD2004WS VISHAY-GSD2004WS Datasheet
34Kb / 2P
   High-Voltage Small-Signal Switching Diode
14-May-02
GSD2004W VISHAY-GSD2004W Datasheet
95Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 22-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com