Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF988 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BF988
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF988 Datasheet(HTML) 6 Page - Vishay Siliconix

  BF988_08 Datasheet HTML 1Page - Vishay Siliconix BF988_08 Datasheet HTML 2Page - Vishay Siliconix BF988_08 Datasheet HTML 3Page - Vishay Siliconix BF988_08 Datasheet HTML 4Page - Vishay Siliconix BF988_08 Datasheet HTML 5Page - Vishay Siliconix BF988_08 Datasheet HTML 6Page - Vishay Siliconix BF988_08 Datasheet HTML 7Page - Vishay Siliconix BF988_08 Datasheet HTML 8Page - Vishay Siliconix BF988_08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 85007
Rev. 1.7, 11-Sep-08
BF988
Vishay Semiconductors
Not for new design, this product will be obsoleted soon
VDS = 8 V, ID = 10 mA, VG2S = 4 V, Z0 = 50 Ω
S11
S12
S21
S22
Figure 13. Input Reflection Coefficient
Figure 14. Reverse Transmission Coefficient
12960
- j0.2
- j0.5
- j
- j2
- j5
0
j0.2
j0.5
j
j2
j5
0.2
0.5
1
2
5
1300 MHz
1000
100
12961
90 °
180 °
–90 °
0.04
0.08
–150 °
–120 °
–60°
–30°
120 °
150 °
60 °
30°
100
1300 MHz
300
1000
Figure 15. Forward Transmission Coefficient
Figure 16. Output Reflection Coefficient
12962
90 °
180°
- 90°
1
2
- 150°
- 120°
- 60°
- 30°
120 °
150 °
60 °
30 °
1300 MHz
100
400
700
1000
12963
- j0.2
- j0.5
- j
- j2
- j5
0
j0.2
j0.5
j
j2
j5
0.2
0.5
1
2
5
1300 MHz
100


Similar Part No. - BF988_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
More results

Similar Description - BF988_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF995 VISHAY-BF995 Datasheet
116Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com