Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9105A Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9105A
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA9105A Datasheet HTML 4Page - STMicroelectronics TDA9105A Datasheet HTML 5Page - STMicroelectronics TDA9105A Datasheet HTML 6Page - STMicroelectronics TDA9105A Datasheet HTML 7Page - STMicroelectronics TDA9105A Datasheet HTML 8Page - STMicroelectronics TDA9105A Datasheet HTML 9Page - STMicroelectronics TDA9105A Datasheet HTML 10Page - STMicroelectronics TDA9105A Datasheet HTML 11Page - STMicroelectronics TDA9105A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
VERTICAL SECTION (continued)
East/West Function
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
EWDC
DC Output Voltage (see Figure 2)
V33 = 4V, V35 =V32,
V38 = 4V, V23 =4V
2.5
V
TDEWDC
DC Output Voltage Thermal Drift
See Note 2
100
ppm/
°C
EWpara
Parabola Amplitude
V28 = 2V, V29 grounded,
V31 = 6V, V33 = 4V,
V35 =V32,V38 = 4V, V23 =4V
V39 =6V
V39 =2V
TBD
1.70
0
V
V
EWtrack
Parabola Amplitude versus V-AMP
Control (tracking between V-AMP
and E/W)
V28 = 2V, V29 grounded
V33 = 4V, V35 =V32
V38 = 4V, V39 = 6V, V23 =4V
V31 =2V
V31 =4V
V31 =6V
0.45
1.0
1.7
V
V
V
Keytrack
Keystone versus V-POS control
(tracking between V-POS and EW)
A/B Ratio
B/A Ratio
V23 = 4V, V28 = 2V, V29 grounded,
V31 = 6V, V38 = 4V, V39 =6V
V33 = 2V, V35 =V32
V33 = 6V, V35 =V32
0.54
0.54
KeyAmp
Keystone Amplitude Adjustment
V23 = 4V, V31 = 6V, V39 =2V
V38 =4V
V38 =2V
V38 =6V
0
1.3
1.3
V
V
V
Notes : 1. When Pin 36 > VREF - 0.5V, Vfly input is inhibited and vertical blanking on composite blanking output is replaced by vertical sawtooth
discharge time.
2. These parameters are not tested on each unit. They are measured during our internal qualification procedure which includes
characterization on batches comming from corners of our processes and also temperature characterization.
Dynamic Horizontal Phase Control Function
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DHPCDC
DC Ouput Voltage (see Figure 3)
V33 = 4V, V35 =V32,V41 =4V
4
V
TDDHPCDC
DC Output Voltage Thermal Drift
See Note
100
ppm/
°C
SPBpara
Side Pin Balance Parabola Amplitude
(see Figure 3)
V28 = 2V, V29 grounded,
V31 = 6V, V33 = 4V,
V35 =V32,V41 =4V
V42 =6V
V42 =2V
TBD
+1.45
- 1.45
TBD
V
V
SPBtrack
Side Pin balance Parabola Amplitude
versus V-amp Cont rol (tracking
between V-amp and SPB )
V28 = 2V, V29 grounded,
V33 = 4V, V35 =V32,
V41 = 4V, V42 =6V
V31 =2V
V31 =4V
V31 =6V
0.36
0.82
1.45
V
V
V
ParAdj
Parallelogram Adjustment Capability
A/B ratio (see Figure.3)
B/A ratio
V28 = 2V, V29 grounded,
V31 = 6V, V33 = 4V,
V35 =V32,V42 =6V
V41 =6V
V41 =2V
TBD
TBD
0.12
0.12
Partrack
Parallelogram versus V-pos Control
(tracking between V-pos and DHPC)
A/B ratio
B/A ratio
V28 = 2V, V29 grounded,
V31 = 6V, V41 = 4V, V42 =6V
V33 = 2V, V35 =V32,
V33 = 6V, V35 =V32
0.53
0.53
TDA9105A
8/31


Similar Part No. - TDA9105A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - TDA9105A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com