Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9106A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA9106A
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA9106A Datasheet HTML 6Page - STMicroelectronics TDA9106A Datasheet HTML 7Page - STMicroelectronics TDA9106A Datasheet HTML 8Page - STMicroelectronics TDA9106A Datasheet HTML 9Page - STMicroelectronics TDA9106A Datasheet HTML 10Page - STMicroelectronics TDA9106A Datasheet HTML 11Page - STMicroelectronics TDA9106A Datasheet HTML 12Page - STMicroelectronics TDA9106A Datasheet HTML 13Page - STMicroelectronics TDA9106A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
VERTICAL SECTION (continued)
Electrical Characteristics (VCC = 12V, Tamb =25
oC) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
EAST/WEST FUNCTION
EWDC
DC Output Voltage with Typ Vpos,Keystone,
Corner and Corner Balance Inhibited
Pin 31, see Figure 1
2.5
V
TDEWDC
DC Output Voltage Thermal Drift
See Note 8
100
ppm/C
EWpara
Parabola Amplitude with Vamp Max, V-Pos Typ,
Keystone, Corner and Corner Balance Inhibited
Subaddress 09
Byte 1x111111
Byte 1x100000
Byte 1x000000
2.6
1.4
0
V
V
V
EWtrack
Parabola Amplitude Function of V-AMP Control
(tracking between V-AMP and E/W) with Typ
Vpos, Keystone, Corner and Corner Balance
Inhibited, EW Typ Amplitude
(see Note 9)
Subaddress 05
Byte 10000000
Byte 11000000
Byte 11111111
0.45
0.8
1.4
V
V
V
KeyAdj
Keystone Adjustment Capability with Typ Vpos,
Corner and Corner Balance I nhibited, EW
Inhibited and Vertical Amplitude Max
(see Note 9 and Figure 4)
Subaddress 0A
Byte 10000000
Byte 11111111
1
1
VPP
VPP
KeyTrack
Intrinsic Keystone Function of V-POS Control
(tracking between V-POS and EW) with Corner
and Corner Balance Inhibited, EW Max Amplitude
and Vertical Amplitude Max (see Note 9)
A/B Ratio
B/A Ratio
Subaddress 06
Byte x0000000
Byte x1111111
0.5
0.5
Corner
Max
Max Corner Correction Amplitude with Vamp Max,
V-POS Typ, EWamp, Keystone and Corner
Balance Inhibited (see Note 9)
Subaddress 0B
∆EWout at T/6, 5T/6
Byte x1111111
Byte x1000000
+0.2
-0.2
V
V
Corner
BalMax
Max Corner Balance Correction Amplitude with
Vamp Max, V-POS Typ, EWamp, Keystone and
Corner Inhibited
Subaddress 0C (see Note 9)
Byte 01111111
∆EWout at T/4
∆EWout at 3T/4
+0.2
-0.2
V
V
Byte 01000000
∆EWout at T/4
∆EWout at 3T/4
-0.2
+0.2
V
V
INTERNAL HORIZONTAL DYNAMIC PHASE CONTROL FUNCTION
SPBpara
Side Pin Balance Parabola Amplitude (Figure 2)
with Vamp Max, V-POS Typ and Parallelogram
Inhibited (see Notes 9 & 10)
Subaddress 0D
Byte x1111111
Byte x1000000
1.4
-1.4
%TH
%TH
SPBtrack
Side Pin Balance Parabola Amplitude function of
Vamp Control (tracking between Vamp and SPB)
with SPB Max, V-POS Typ and Parallelogram
Inhibited (see Notes 9 & 10)
Subaddress 05
Byte 10000000
Byte 11000000
Byte 11111111
0.5
0.9
1.4
%TH
%TH
%TH
ParAdj
Parallelogram Adjustment Capability with Vamp
Max, V-POS Typ and SPB Inhibited
(see Notes 9, 10 & 11)
Subaddress 0E
Byte x1111111
Byte x1000000
1.4
-1.4
%TH
%TH
Partrack
Intrinsic Parallelogram Function of Vpos Control
(tracking between V-Pos and DHPC) with Vamp
Max, SPB Max and Parallelogram Inhibited
(see Notes 9 & 10)
A/B Ratio
B/A Ratio
Subaddress 06
Byte x0000000
Byte x1111111
0.5
0.5
Notes : 8. These parameters are not tested on each unit. They are measured during our internal qualification
9. Refers to Notes 3 & 4 from last section.
10.TH is the Horizontal PLL Period Duration.
11.Figure 2 is representing effect of dynamic horizontal phase control.
TDA9106A
10/30


Similar Part No. - TDA9106A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - TDA9106A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com