Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103AW-V-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SD103AW-V-GS08
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103AW-V-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  SD103AW-V-GS08 Datasheet HTML 1Page - Vishay Siliconix SD103AW-V-GS08 Datasheet HTML 2Page - Vishay Siliconix SD103AW-V-GS08 Datasheet HTML 3Page - Vishay Siliconix SD103AW-V-GS08 Datasheet HTML 4Page - Vishay Siliconix SD103AW-V-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD103AW-V/103BW-V/103CW-V
Document Number 85681
Rev. 1.4, 18-Sep-06
Vishay Semiconductors
www.vishay.com
1
17431
Small Signal Schottky Diodes
Features
• The low forward voltage drop and fast
switching make it ideal for protection of
MOS devices, steering, biasing, and cou-
pling diodes for fast switching and low
logic level applications.
• Other applications are click suppression, efficient
full wave bridges in telephone subsets, and block-
ing diodes in rechargeable low voltage battery sys-
tems.
• The SD103 series is a metal-on-silicon Schottky
barrier device which is protected by a PN junction
guard ring.
• This diode is also available in the MiniMELF case
with the type designations LL103A to LL103C,
DO35 case with the type designations SD103A to
SD103C and SOD323 case with type designations
SD103AWS-V to SD103CWS-V.
• For general purpose applications.
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD123 Plastic case
Weight: approx. 10.3 mg
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Part
Ordering code
Type Marking
Remarks
SD103AW-V
SD103AW-V-GS18 or SD103AW-V-GS08
S6
Tape and Reel
SD103BW-V
SD103BW-V-GS18 or SD103BW-V-GS08
S7
Tape and Reel
SD103CW-V
SD103CW-V-GS18 or SD103CW-V-GS08
S8
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Peak reverse voltage
SD103AW-V
VRRM
40
V
SD103BW-V
VRRM
30
V
SD103CW-V
VRRM
20
V
Power dissipation
(Infinite heat sink)
Ptot
4001)
mW
Single cycle surge
10 µs square wave
IFSM
2A
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
3001)
K/W
Junction temperature
Tj
1251)
°C
Storage temperature range
Tstg
- 55 to + 1501)
°C
e3


Similar Part No. - SD103AW-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD103AW-V VISHAY-SD103AW-V Datasheet
61Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.4, 05-Aug-10
SD103AW-V VISHAY-SD103AW-V_10 Datasheet
61Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.4, 05-Aug-10
More results

Similar Description - SD103AW-V-GS08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com