Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD300C20C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD300C20C
Description  Standard Recovery Diodes (Hockey PUK Version), 650 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD300C20C Datasheet(HTML) 5 Page - Vishay Siliconix

  SD300C20C Datasheet HTML 1Page - Vishay Siliconix SD300C20C Datasheet HTML 2Page - Vishay Siliconix SD300C20C Datasheet HTML 3Page - Vishay Siliconix SD300C20C Datasheet HTML 4Page - Vishay Siliconix SD300C20C Datasheet HTML 5Page - Vishay Siliconix SD300C20C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93544
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD300C..C Series
Standard Recovery Diodes
(Hockey PUK Version), 650 A
Vishay High Power Products
Fig. 13 - Forward Voltage Drop Characteristics
Fig. 14 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
10 0
1000
10000
0.5
1
1.5
2
2.5
3
3. 5
4
4.5
5
T = 25°C
J
T = T
m ax.
J
Instantaneous Forwa rd V oltag e (V)
SD30 0C..C Ser ies
J
0. 0 0 1
0. 0 1
0. 1
1
0
1
1
1
.
0
1
0
.
0
1
0
0
.
0
Sq u a re W a v e Pu lse D u rat io n ( s)
St e a d y St at e V a lue
R
= 0 .1 6 3 K /W
( Sing le Sid e C o oled )
R
= 0 .0 7 3 K /W
( D ou ble Sid e C o o led )
(D C O p e ra t io n )
thJ -hs
thJ -hs
SD 3 0 0 C . .C Se rie s
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
C = PUK case DO-200AA
Device code
5
13
24
6
SD
30
0
C
32
C
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95248


Similar Part No. - SD300C20C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD300C20C VISHAY-SD300C20C Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 14-May-08
More results

Similar Description - SD300C20C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD300C04C VISHAY-SD300C04C_12 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 14-May-08
VS-SD300CC VISHAY-VS-SD300CC Datasheet
200Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 15-Apr-14
VS-SD300CC VISHAY-VS-SD300CC_V01 Datasheet
184Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 650 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com