Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD603C04S10C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD603C04S10C
Description  SD603C04S10C
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD603C04S10C Datasheet(HTML) 5 Page - Vishay Siliconix

  SD603C04S10C Datasheet HTML 1Page - Vishay Siliconix SD603C04S10C Datasheet HTML 2Page - Vishay Siliconix SD603C04S10C Datasheet HTML 3Page - Vishay Siliconix SD603C04S10C Datasheet HTML 4Page - Vishay Siliconix SD603C04S10C Datasheet HTML 5Page - Vishay Siliconix SD603C04S10C Datasheet HTML 6Page - Vishay Siliconix SD603C04S10C Datasheet HTML 7Page - Vishay Siliconix SD603C04S10C Datasheet HTML 8Page - Vishay Siliconix SD603C04S10C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 93178
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
5
SD603C..C Series
Fast Recovery Diodes
(Hockey PUK Version), 600 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Fig. 11 - Typical Forward Recovery Characteristics
2500
3000
3500
4000
4500
5000
5500
6000
6500
7000
7500
8000
110
100
Number of Equa l Amplitude Ha lf Cyc le Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
SD603C..C Series
At Any Rated Load Condition and With
Rated V
Applied Following Surge.
RRM
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Pulse Train Duration (s)
Ma ximum Non Repetitive Surge Current
VersusPulse Train Duration.
SD603C..C Series
Initial T = 125 °C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
10
100
1000
10000
.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
Instantaneous Forward Voltage (V)
T = 25 °C
J
T = 125 °C
J
SD603C..C Series
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Stead y State Va lue :
R
= 0.076 K/ W
(Single Side Cooled)
R
= 0.038 K/ W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
SD603C..C Series
0
20
40
60
80
100
0
200
400
600
800
100012001400160018002000
T = 125°C
T = 25°C
J
J
Rate Off Rise Of Forward Current di/ d t (A/ usec)
SD603C..S20C Series
I
V
FP


Similar Part No. - SD603C04S10C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD603C04S10C IRF-SD603C04S10C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD603C04S10C VISHAY-SD603C04S10C Datasheet
443Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 600 A
Revision: 04-Aug-08
SD603C04S10C VISHAY-SD603C04S10C_12 Datasheet
443Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 600 A
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com