Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD823C16S30C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD823C16S30C
Description  Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD823C16S30C Datasheet(HTML) 2 Page - Vishay Siliconix

  SD823C16S30C Datasheet HTML 1Page - Vishay Siliconix SD823C16S30C Datasheet HTML 2Page - Vishay Siliconix SD823C16S30C Datasheet HTML 3Page - Vishay Siliconix SD823C16S30C Datasheet HTML 4Page - Vishay Siliconix SD823C16S30C Datasheet HTML 5Page - Vishay Siliconix SD823C16S30C Datasheet HTML 6Page - Vishay Siliconix SD823C16S30C Datasheet HTML 7Page - Vishay Siliconix SD823C16S30C Datasheet HTML 8Page - Vishay Siliconix SD823C16S30C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93181
2
Revision: 14-May-08
SD823C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version),
810/910 A
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
SD823C..C
UNITS
S20
S30
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
810 (425)
910 (470)
A
55 (85)
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
1500
1690
A
Maximum peak, one-cycle forward,
non-repetitive current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
9300
9600
t = 8.3 ms
9730
10 050
t = 10 ms
100 % VRRM
reapplied
7820
8070
t = 8.3 ms
8190
8450
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
432
460
kA2s
t = 8.3 ms
395
420
t = 10 ms
100 % VRRM
reapplied
306
326
t = 8.3 ms
279
297
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
4320
4600
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
1.00
0.95
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.11
1.06
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.80
0.60
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.76
0.57
Maximum forward voltage drop
VFM
Ipk = 1500 A, TJ = TJ maximum
tp = 10 ms sinusoidal wave
2.20
1.85
V
RECOVERY CHARACTERISTICS
CODE
MAXIMUM VALUE
AT TJ = 25 °C
TEST CONDITIONS
TYPICAL VALUES
AT TJ = 125 °C
trr AT 25 % IRRM
(µs)
Ipk
SQUARE
PULSE
(A)
dI/dt
(A/µs)
Vr
(V)
trr AT 25 % IRRM
(µs)
Qrr
(µC)
Irr
(A)
S20
2.0
1000
50
- 50
3.5
240
110
S30
3.0
5.0
380
130
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
case junction to heatsink
RthJ-hs
DC operation single side cooled
0.076
K/W
DC operation double side cooled
0.038
Mounting force, ± 10 %
9800 (1000)
N (kg)
Approximate weight
83
g
Case style
See dimensions - link at the end of datasheet
B-43
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


Similar Part No. - SD823C16S30C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD823C16C VISHAY-SD823C16C Datasheet
410Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Revision: 14-May-08
More results

Similar Description - SD823C16S30C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD823C12S20C VISHAY-SD823C12S20C_12 Datasheet
410Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Revision: 14-May-08
VS-SD823CC VISHAY-VS-SD823CC Datasheet
425Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810 A/910 A
Revision: 14-Jan-14
VS-SD823CC VISHAY-VS-SD823CC_V01 Datasheet
407Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810 A, 910 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com