Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1053C25S30L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SD1053C25S30L
Description  Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1053C25S30L Datasheet(HTML) 1 Page - Vishay Siliconix

  SD1053C25S30L Datasheet HTML 1Page - Vishay Siliconix SD1053C25S30L Datasheet HTML 2Page - Vishay Siliconix SD1053C25S30L Datasheet HTML 3Page - Vishay Siliconix SD1053C25S30L Datasheet HTML 4Page - Vishay Siliconix SD1053C25S30L Datasheet HTML 5Page - Vishay Siliconix SD1053C25S30L Datasheet HTML 6Page - Vishay Siliconix SD1053C25S30L Datasheet HTML 7Page - Vishay Siliconix SD1053C25S30L Datasheet HTML 8Page - Vishay Siliconix SD1053C25S30L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 93167
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
1
Fast Recovery Diodes
(Hockey PUK Version), 920/1050 A
SD1053C..L Series
Vishay High Power Products
FEATURES
• High power FAST recovery diode series
• 2.0 to 3.0 µs recovery time
• High voltage ratings up to 3000 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Case style conform to JEDEC DO-200AB (B-PUK)
• Maximum junction temperature 150 °C
• RoHS compliant
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
920/1050 A
DO-200AB (B-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SD1053C..L
UNITS
S20
S30
IF(AV)
1050
920
A
Ths
55
55
°C
IF(RMS)
1940
1700
A
IFSM
50 Hz
15 000
13 000
60 Hz
15 700
13 610
VRRM
Range
1800 to 2500
1800 to 3000
V
trr
2.0
3.0
µs
TJ
25
°C
TJ
- 40 to 150
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
SD1053C..S20L
18
1800
1900
50
22
2200
2300
25
2500
2600
SD1053C..S30L
18
1800
1900
22
2200
2300
25
2500
2600
28
2800
2900
30
3000
3100


Similar Part No. - SD1053C25S30L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1053C25S30L VISHAY-SD1053C25S30L Datasheet
464Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
More results

Similar Description - SD1053C25S30L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD1053CL VISHAY-VS-SD1053CL Datasheet
472Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 15-Feb-17
SD1053C18S20L VISHAY-SD1053C18S20L_12 Datasheet
464Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
VS-SD1053CL VISHAY-VS-SD1053CL_V01 Datasheet
482Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920 A, 1050 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com