Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G3V-B-15B81I Datasheet(PDF) 7 Page - STMicroelectronics

Part # PSD835G3V-B-15B81I
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G3V-B-15B81I Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PSD835G3V-B-15B81I Datasheet HTML 3Page - STMicroelectronics PSD835G3V-B-15B81I Datasheet HTML 4Page - STMicroelectronics PSD835G3V-B-15B81I Datasheet HTML 5Page - STMicroelectronics PSD835G3V-B-15B81I Datasheet HTML 6Page - STMicroelectronics PSD835G3V-B-15B81I Datasheet HTML 7Page - STMicroelectronics PSD835G3V-B-15B81I Datasheet HTML 8Page - STMicroelectronics PSD835G3V-B-15B81I Datasheet HTML 9Page - STMicroelectronics PSD835G3V-B-15B81I Datasheet HTML 10Page - STMicroelectronics PSD835G3V-B-15B81I Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
PSD8XX
Architectural
Overview
(cont.)
4.5 ISP via JTAG Port
In-System Programming can be performed through the JTAG pins on Port E. This serial
interface allows complete programming of the entire PSD835G2 device. A blank device
can be completely programmed. The JTAG signals (TMS, TCK, TSTAT, TERR, TDI, TDO)
can be multiplexed with other functions on Port E. Table 3 indicates the JTAG signals pin
assignments.
4.6 In-System Programming (ISP)
Using the JTAG signals on Port E, the entire PSD835G2 (memory, logic, configuration)
device can be programmed or erased without the use of the microcontroller.
Port E Pins
JTAG Signal
PE0
TMS
PE1
TCK
PE2
TDI
PE3
TDO
PE4
TSTAT
PE5
TERR
Table 3. JTAG Signals on Port E
PSD8XX Family
PSD835G2
6
4.7 In-Application re-Programming (IAP)
The main Flash memory can also be programmed in-system by the microcontroller
executing the programming algorithms out of the secondary Flash memory, or SRAM.
Since this is a sizable separate block, the application can also continue to operate. The
secondary Flash boot memory can be programmed the same way by executing out of the
main Flash memory. Table 4 indicates which programming methods can program different
functional blocks of the PSD8XX.
Device
Functional Block
JTAG-ISP
Programmer
IAP
Main Flash memory
Yes
Yes
Yes
Flash Boot memory
Yes
Yes
Yes
PLD Array (DPLD and CPLD)
Yes
Yes
No
PSD Configuration
Yes
Yes
No
Table 4. Methods of Programming Different Functional Blocks of the PSD835G2
4.8 Page Register
The eight-bit Page Register expands the address range of the microcontroller by up to
256 times.The paged address can be used as part of the address space to access
external memory and peripherals or internal memory and I/O. The Page Register can also
be used to change the address mapping of blocks of Flash memory into different memory
spaces for IAP.
4.9 Power Management Unit
The Power Management Unit (PMU) in the PSD835G2 gives the user control of the
power consumption on selected functional blocks based on system requirements. The
PMU includes an Automatic Power Down unit (APD) that will turn off device functions due
to microcontroller inactivity. The APD unit has a Power Down Mode that helps reduce
power consumption.
The PSD835G2 also has some bits that are configured at run-time by the MCU to reduce
power consumption of the CPLD. The turbo bit in the PMMR0 register can be turned off
and the CPLD will latch its outputs and go to standby until the next transition on its inputs.
Additionally, bits in the PMMR2 register can be set by the MCU to block signals from
entering the CPLD to reduce power consumption. See section 9.5.


Similar Part No. - PSD835G3V-B-15B81I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD835G2 STMICROELECTRONICS-PSD835G2 Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2-70UIT STMICROELECTRONICS-PSD835G2-70UIT Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2-70UT STMICROELECTRONICS-PSD835G2-70UT Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2-90UIT STMICROELECTRONICS-PSD835G2-90UIT Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2-90UT STMICROELECTRONICS-PSD835G2-90UT Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
More results

Similar Description - PSD835G3V-B-15B81I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
logo
Cypress Semiconductor
CY8C25122 CYPRESS-CY8C25122 Datasheet
1Mb / 148P
   8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
logo
List of Unclassifed Man...
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
   Triscend A7S Configurable System-on-Chip Platform
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com