Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ16 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMAJ16
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMAJ16 Datasheet(HTML) 2 Page - Vishay Siliconix

  SMAJ16 Datasheet HTML 1Page - Vishay Siliconix SMAJ16 Datasheet HTML 2Page - Vishay Siliconix SMAJ16 Datasheet HTML 3Page - Vishay Siliconix SMAJ16 Datasheet HTML 4Page - Vishay Siliconix SMAJ16 Datasheet HTML 5Page - Vishay Siliconix SMAJ16 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMAJ5.0 thru SMAJ188CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88390
Revision: 29-Oct-08
2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
SMAJ5.0
AD
WD
6.40
7.82
10
5.0
800
41.7
9.6
SMAJ5.0A(5)
AE
WE
6.40
7.07
10
5.0
800
43.5
9.2
SMAJ6.0
AF
WF
6.67
8.15
10
6.0
800
35.1
11.4
SMAJ6.0A
AG
WG
6.67
7.37
10
6.0
800
38.8
10.3
SMAJ6.5
AH
WH
7.22
8.82
10
6.5
500
32.5
12.3
SMAJ6.5A
AK
WK
7.22
7.98
10
6.5
500
35.7
11.2
SMAJ7.0
AL
WL
7.78
9.51
10
7.0
200
30.1
13.3
SMAJ7.0A
AM
WM
7.78
8.60
10
7.0
200
33.3
12.0
SMAJ7.5
AN
WN
8.33
10.2
1.0
7.5
100
28.0
14.3
SMAJ7.5A
AP
WP
8.33
9.21
1.0
7.5
100
31.0
12.9
SMAJ8.0
AQ
WQ
8.89
10.9
1.0
8.0
50
26.7
15.0
SMAJ8.0A
AR
WR
8.89
9.83
1.0
8.0
50
29.4
13.6
SMAJ8.5
AS
WS
9.44
11.5
1.0
8.5
10
25.2
15.9
SMAJ8.5A
AT
WT
9.44
10.4
1.0
8.5
10
27.8
14.4
SMAJ9.0
AU
WU
10.0
12.2
1.0
9.0
5.0
23.7
16.9
SMAJ9.0A
AV
WV
10.0
11.1
1.0
9.0
5.0
26.0
15.4
SMAJ10
AW
WW
11.1
13.6
1.0
10
1.0
21.3
18.8
SMAJ10A
AX
WX
11.1
12.3
1.0
10
1.0
23.5
17.0
SMAJ11
AY
WY
12.2
14.9
1.0
11
1.0
19.9
20.1
SMAJ11A
AZ
WZ
12.2
13.5
1.0
11
1.0
22.0
18.2
SMAJ12
BD
XD
13.3
16.3
1.0
12
1.0
18.2
22.0
SMAJ12A
BE
XE
13.3
14.7
1.0
12
1.0
20.1
19.9
SMAJ13
BF
XF
14.4
17.6
1.0
13
1.0
16.8
23.8
SMAJ13A
BG
XG
14.4
15.9
1.0
13
1.0
18.6
21.5
SMAJ14
BH
XH
15.6
19.1
1.0
14
1.0
15.5
25.8
SMAJ14A
BK
XK
15.6
17.2
1.0
14
1.0
17.2
23.2
SMAJ15
BL
XL
16.7
20.4
1.0
15
1.0
14.9
26.9
SMAJ15A
BM
XM
16.7
18.5
1.0
15
1.0
16.4
24.4
SMAJ16
BN
XN
17.8
21.8
1.0
16
1.0
13.9
28.8
SMAJ16A
BP
XP
17.8
19.7
1.0
16
1.0
15.4
26.0
SMAJ17
BQ
XQ
18.9
23.1
1.0
17
1.0
13.1
30.5
SMAJ17A
BR
XR
18.9
20.9
1.0
17
1.0
14.5
27.6
SMAJ18
BS
XS
20.0
24.4
1.0
18
1.0
12.4
32.2
SMAJ18A
BT
XT
20.0
22.1
1.0
18
1.0
13.7
29.2
SMAJ20
BU
XU
22.2
27.1
1.0
20
1.0
11.2
35.8
SMAJ20A
BV
XV
22.2
24.5
1.0
20
1.0
12.3
32.4
SMAJ22
BW
XW
24.4
29.8
1.0
22
1.0
10.2
39.4
SMAJ22A
BX
XX
24.4
26.9
1.0
22
1.0
11.3
35.5
SMAJ24
BY
XY
26.7
32.6
1.0
24
1.0
9.3
43.0
SMAJ24A
BZ
XZ
26.7
29.5
1.0
24
1.0
10.3
38.9
SMAJ26
CD
YD
28.9
35.3
1.0
26
1.0
8.6
46.6
SMAJ26A
CE
YE
28.9
31.9
1.0
26
1.0
9.5
42.1
SMAJ28
CF
YF
31.1
38.0
1.0
28
1.0
8.0
50.0
SMAJ28A
CG
YG
31.1
34.4
1.0
28
1.0
8.8
45.4
SMAJ30
CH
YH
33.3
40.7
1.0
30
1.0
7.5
53.5
SMAJ30A
CK
YK
33.3
36.8
1.0
30
1.0
8.3
48.4
SMAJ33
CL
YL
36.7
44.9
1.0
33
1.0
6.8
59.0
SMAJ33A
CM
YM
36.7
40.6
1.0
33
1.0
7.5
53.3
SMAJ36
CN
YN
40.0
48.9
1.0
36
1.0
6.2
64.3
SMAJ36A
CP
YP
40.0
44.2
1.0
36
1.0
6.9
58.1
SMAJ40
CQ
YQ
44.4
54.3
1.0
40
1.0
5.6
71.4


Similar Part No. - SMAJ16

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ16 JGD-SMAJ16 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
SMAJ16 FS-SMAJ16 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ16 SOCAY-SMAJ16 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Silicon Standard Corp.
SMAJ16 SSC-SMAJ16 Datasheet
632Kb / 4P
   Transient Voltage Suppressors
logo
Guangdong Juxing Electr...
SMAJ16 JUXING-SMAJ16 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMAJ16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com