Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ8.0A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMBJ8.0A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ8.0A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMBJ8.0A Datasheet HTML 1Page - Vishay Siliconix SMBJ8.0A Datasheet HTML 2Page - Vishay Siliconix SMBJ8.0A Datasheet HTML 3Page - Vishay Siliconix SMBJ8.0A Datasheet HTML 4Page - Vishay Siliconix SMBJ8.0A Datasheet HTML 5Page - Vishay Siliconix SMBJ8.0A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMBJ5.0 thru SMBJ188CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88392
Revision: 04-Sep-07
2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
“J” BEND LEAD
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
(+)SMBJ5.0
KD
KD
6.40
7.82
10
5.0
800
62.5
9.6
(+)SMBJ5.0A (5)
KE
KE
6.40
7.07
10
5.0
800
65.2
9.2
(+)SMBJ6.0
KF
KF
6.67
8.15
10
6.0
800
52.6
11.4
(+)SMBJ6.0A
KG
KG
6.67
7.37
10
6.0
800
58.3
10.3
(+)SMBJ6.5
KH
AH
7.22
8.82
10
6.5
500
48.8
12.3
(+)SMBJ6.5A
KK
AK
7.22
7.98
10
6.5
500
53.6
11.2
(+)SMBJ7.0
KL
KL
7.78
9.51
10
7.0
200
45.1
13.3
(+)SMBJ7.0A
KM
KM
7.78
8.60
10
7.0
200
50.0
12.0
(+)SMBJ7.5
KN
AN
8.33
10.2
1.0
7.5
100
42.0
14.3
(+)SMBJ7.5A
KP
AP
8.33
9.21
1.0
7.5
100
46.5
12.9
(+)SMBJ8.0
KQ
AQ
8.89
10.9
1.0
8.0
50
40.0
15.0
(+)SMBJ8.0A
KR
AR
8.89
9.83
1.0
8.0
50
44.1
13.6
(+)SMBJ8.5
KS
AS
9.44
11.5
1.0
8.5
20
37.7
15.9
(+)SMBJ8.5A
KT
AT
9.44
10.4
1.0
8.5
20
41.7
14.4
(+)SMBJ9.0
KU
AU
10.0
12.2
1.0
9.0
10
35.5
16.9
(+)SMBJ9.0A
KV
AV
10.0
11.1
1.0
9.0
10
39.0
15.4
(+)SMBJ10
KW
AW
11.1
13.6
1.0
10
5.0
31.9
18.8
(+)SMBJ10A
KX
AX
11.1
12.3
1.0
10
5.0
35.3
17.0
(+)SMBJ11
KY
KY
12.2
14.9
1.0
11
5.0
29.9
20.1
(+)SMBJ11A
KZ
KZ
12.2
13.5
1.0
11
5.0
33.0
18.2
(+)SMBJ12
LD
BD
13.3
16.3
1.0
12
5.0
27.3
22.0
(+)SMBJ12A
LE
BE
13.3
14.7
1.0
12
5.0
30.2
19.9
(+)SMBJ13
LF
LF
14.4
17.6
1.0
13
1.0
25.2
23.8
(+)SMBJ13A
LG
LG
14.4
15.9
1.0
13
1.0
27.9
21.5
(+)SMBJ14
LH
BH
15.6
19.1
1.0
14
1.0
23.3
25.8
(+)SMBJ14A
LK
BK
15.6
17.2
1.0
14
1.0
25.9
23.2
(+)SMBJ15
LL
BL
16.7
20.4
1.0
15
1.0
22.3
26.9
(+)SMBJ15A
LM
BM
16.7
18.5
1.0
15
1.0
24.6
24.4
(+)SMBJ16
LN
LN
17.8
21.8
1.0
16
1.0
20.8
28.8
(+)SMBJ16A
LP
LM
17.8
19.7
1.0
16
1.0
23.1
26.0
(+)SMBJ17
LQ
LQ
18.9
23.1
1.0
17
1.0
19.7
30.5
(+)SMBJ17A
LR
LR
18.9
20.9
1.0
17
1.0
21.7
27.6
(+)SMBJ18
LS
BS
20.0
24.4
1.0
18
1.0
18.6
32.2
(+)SMBJ18A
LT
BT
20.0
22.1
1.0
18
1.0
20.5
29.2
(+)SMBJ20
LU
LU
22.2
27.1
1.0
20
1.0
16.8
35.8
(+)SMBJ20A
LV
LV
22.2
24.5
1.0
20
1.0
18.5
32.4
(+)SMBJ22
LW
BW
24.4
29.8
1.0
22
1.0
15.2
39.4
(+)SMBJ22A
LX
BX
24.4
26.9
1.0
22
1.0
16.9
35.5
(+)SMBJ24
LY
BY
26.7
32.6
1.0
24
1.0
14.0
43.0
(+)SMBJ24A
LZ
BZ
26.7
29.5
1.0
24
1.0
15.4
38.9
(+)SMBJ26
MD
CD
28.9
35.3
1.0
26
1.0
12.9
46.6
(+)SMBJ26A
ME
CE
28.9
31.9
1.0
26
1.0
14.3
42.1
(+)SMBJ28
MF
MF
31.1
38.0
1.0
28
1.0
12.0
50.0
(+)SMBJ28A
MG
MG
31.1
34.4
1.0
28
1.0
13.2
45.4
(+)SMBJ30
MH
CH
33.3
40.7
1.0
30
1.0
11.2
53.5
(+)SMBJ30A
MK
CK
33.3
36.8
1.0
30
1.0
12.4
48.4
(+)SMBJ33
ML
CL
36.7
44.9
1.0
33
1.0
10.2
59.0
(+)SMBJ33A
MM
CM
36.7
40.6
1.0
33
1.0
11.3
53.3
(+)SMBJ36
MN
CN
40.0
48.9
1.0
36
1.0
9.3
64.3
(+)SMBJ36A
MP
CP
40.0
44.2
1.0
36
1.0
10.3
58.1
(+)SMBJ40
MQ
CQ
44.4
54.3
1.0
40
1.0
8.4
71.4
(+)SMBJ40A
MR
CR
44.4
49.1
1.0
40
1.0
9.3
64.5


Similar Part No. - SMBJ8.0A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ8.0A JGD-SMBJ8.0A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ8.0A SOCAY-SMBJ8.0A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Diotech Company.
SMBJ8.0A DIOTECH-SMBJ8.0A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ8.0A MICROSEMI-SMBJ8.0A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ8.0A LUGUANG-SMBJ8.0A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SMBJ8.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com