Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP14A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMP14A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMP14A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMP14A Datasheet HTML 1Page - Vishay Siliconix SMP14A Datasheet HTML 2Page - Vishay Siliconix SMP14A Datasheet HTML 3Page - Vishay Siliconix SMP14A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
SMP11 thru SMP36A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88481
Revision: 20-Oct-08
2
Notes:
(1) VBR measured after IT applied for 300 µs, IT = square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MIN.
MAX.
SMP11
AY
12.2
14.9
1.0
11
1.0
19.9
20.1
SMP11A
AZ
12.2
13.5
1.0
11
1.0
22.0
18.2
SMP12
BD
13.3
16.3
1.0
12
1.0
18.2
22.0
SMP12A
BE
13.3
14.7
1.0
12
1.0
20.1
19.9
SMP13
BF
14.4
17.6
1.0
13
1.0
16.8
23.8
SMP13A
BG
14.4
15.9
1.0
13
1.0
18.6
21.5
SMP14
BH
15.6
19.1
1.0
14
1.0
15.5
25.8
SMP14A
BK
15.6
17.2
1.0
14
1.0
17.2
23.2
SMP15
BL
16.7
20.4
1.0
15
1.0
14.9
26.9
SMP15A
BM
16.7
18.5
1.0
15
1.0
16.4
24.4
SMP16
BN
17.8
21.8
1.0
16
1.0
13.9
28.8
SMP16A
BP
17.8
19.7
1.0
16
1.0
15.4
26.0
SMP17
BQ
18.9
23.1
1.0
17
1.0
13.1
30.5
SMP17A
BR
18.9
20.9
1.0
17
1.0
14.5
27.6
SMP18
BS
20.0
24.4
1.0
18
1.0
12.4
32.2
SMP18A
BT
20.0
22.1
1.0
18
1.0
13.7
29.2
SMP20
BU
22.2
27.1
1.0
20
1.0
11.2
35.8
SMP20A
BV
22.2
24.5
1.0
20
1.0
12.3
32.4
SMP22
BW
24.4
29.8
1.0
22
1.0
10.2
39.4
SMP22A
BX
24.4
26.9
1.0
22
1.0
11.3
35.5
SMP24
BY
26.7
32.6
1.0
24
1.0
9.3
43.0
SMP24A
BZ
26.7
29.5
1.0
24
1.0
10.3
38.9
SMP26
CD
28.9
35.3
1.0
26
1.0
8.6
46.6
SMP26A
CE
28.9
31.9
1.0
26
1.0
9.5
42.1
SMP28
CF
31.1
38.0
1.0
28
1.0
8.0
50.0
SMP28A
CG
31.1
34.4
1.0
28
1.0
8.8
45.4
SMP30
CH
33.3
40.7
1.0
30
1.0
7.5
53.5
SMP30A
CK
33.3
36.8
1.0
30
1.0
8.3
48.4
SMP33
CL
36.7
44.9
1.0
33
1.0
6.8
59.0
SMP33A
CM
36.7
40.6
1.0
33
1.0
7.5
53.3
SMP36
CN
40.0
48.9
1.0
36
1.0
6.2
64.3
SMP36A
CP
40.0
44.2
1.0
36
1.0
6.9
58.1
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMP11A-E3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SMP11A-E3/85A
0.024
85A
10 000
13" diameter plastic tape and reel


Similar Part No. - SMP14A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMP14A VISHAY-SMP14A Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP14A VISHAY-SMP14A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 19-Apr-11
SMP14A VISHAY-SMP14A Datasheet
99Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - SMP14A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com