Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLCC20A03-10KJT0005 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SLCC20A03-10KJT0005
Description  Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SLCC20A03-10KJT0005 Datasheet(HTML) 2 Page - Vishay Siliconix

  SLCC20A03-10KJT0005 Datasheet HTML 1Page - Vishay Siliconix SLCC20A03-10KJT0005 Datasheet HTML 2Page - Vishay Siliconix SLCC20A03-10KJT0005 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SLCC
Vishay Sfernice
Hermetic, 50 Mil Pitch, Leadless Chip Resistor
Networks
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60014
98
Revision: 16-Jun-08
DIMENSIONS in millimeters [inches]
PACKAGING
Tape and reel 250 pieces per tape
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
PIN NUMBER
20
TCR:
Tracking
± 2 ppm/°C (typical)/5 ppm/°C maximum
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C maximum
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.1 % to 1.0 % tighter specs on request
Absolute
± 0.1 % to 5.0 % tighter specs on request
Power rating:
Resistor
50 mW
at + 70 °C
Package
500 mW
at + 70 °C
Stability (
ΔR ratio)
0.05 %
1000 h at + 70 °C under Pn
Voltage coefficient
< 0.1 ppm/V
Working voltage
100 VDC on R
Operating temperature range
- 55 °C to + 125 °C
Storage temperature range
- 55 °C to + 150 °C
Noise
- 35 dB typical
Thermal EMF
0.1 µV/°C
Shelf life stability
< 50 ppm
1 year at + 25 °C
B
D
max.
A
typ.
E
typ.
H
Index
Corner
F
C
Terminal #1
Indicator
Terminal
#1
R typ.
G
typ.
20 Pin
A
1.27 [0.050]
B
8.89 [0.350]
C
8.89 [0.350]
D
1.96 [0.077]
E
0.635 [0.025]
F
1.27 [0.050]
G
1.02 [0.040]
H
0.508 [0.020]
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: SLCC20A01-10KF0005
GLOBAL MODEL
SCHEMATIC
VALUE
TOL.
PACKAGING
OPTION
SLCC20
A
B
A01
A03
A06
Decimal
R, K or M
B (0.1 % 0.1 %)
D (0.5 % 0.25 %)
F (1.0 % 0.5 %)
G (2.0 % 1.0 %)
J (5.0 % 1.0 %)
Tape and reel
leave blank
if no option
Historical Part Number example: SLCC 20 A01 10K F R0005 e4
SLCC 20
A01
10K
F
R0005
e4
GLOBAL MODEL
SCHEMATIC
VALUE
TOL.
OPTION
RoHs
leave blank
if no option
L
S
C
C
2
0
A
0
1
-
1
0
K
F
T
0
0
0
5


Similar Part No. - SLCC20A03-10KJT0005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SLCC20A01KB VISHAY-SLCC20A01KB Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC20A01KD VISHAY-SLCC20A01KD Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC20A01KF VISHAY-SLCC20A01KF Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC20A01KG VISHAY-SLCC20A01KG Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC20A01KH VISHAY-SLCC20A01KH Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
More results

Similar Description - SLCC20A03-10KJT0005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
LCC VISHAY-LCC Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
MPH VISHAY-MPH Datasheet
106Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
Revision: 05-May-08
LCC VISHAY-LCC_17 Datasheet
122Kb / 4P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
Revision: 14-Jul-16
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
Revision: 20-Oct-11
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com