Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMZG3809B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMZG3809B
Description  Surface Mount Power Voltage-Regulating Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMZG3809B Datasheet(HTML) 2 Page - Vishay Siliconix

  SMZG3809B Datasheet HTML 1Page - Vishay Siliconix SMZG3809B Datasheet HTML 2Page - Vishay Siliconix SMZG3809B Datasheet HTML 3Page - Vishay Siliconix SMZG3809B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMZG3788 thru SMZG3809B
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88458
Revision: 22-Oct-08
2
Notes:
(1) Suffix “A” denotes ± 10 % and suffix “B” denotes ± 5 %
(2) Maximum steady state power dissipation is 1.5 W at TL = 75 °C (Fig. 1)
Note:
(1) Automotive grade AEC Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART NUMBER (1)
DEVICE
MARKING
CODE
NOMINAL
ZENER
VOLTAGE
VZ AT IZT
(V)
TEST
CURRENT
IZT
(mA)
MAX. ZENER
IMPEDANCE
LEAKAGE CURRENT
MAX.
REVERSE
CURRENT
IR AT VR
MAX.
ZENER
CURRENT
IZM
(mA) (2)
ZZT AT IZT
ZZK AT IZK
(
Ω)
(
Ω)
(mA)
(µA)
(V)
SMZG3788A,B
VK,L
9.1
41.2
4.0
1000
0.50
50
7.0
140
SMZG3789A,B
WA,B
10
37.5
5.0
1000
0.25
50
7.6
125
SMZG3790A,B
WC,D
11
34.1
6.0
650
0.25
10
8.4
115
SMZG3791A,B
WE,F
12
31.2
7.0
550
0.25
5.0
9.1
105
SMZG3792A,B
WG,H
13
28.8
7.5
550
0.25
5.0
9.9
98
SMZG3793A,B
WI,J
15
25.0
9.0
600
0.25
5.0
11.4
85
SMZG3794A,B
WK,L
16
23.4
10
600
0.25
5.0
12.2
80
SMZG3795A,B
XA,B
18
20.8
12
650
0.25
5.0
13.7
70
SMZG3796A,B
XC,D
20
18.7
14
650
0.25
5.0
15.2
62
SMZG3797A,B
XE,F
22
17.0
17.5
650
0.25
5.0
16.7
56
SMZG3798A,B
XG,H
24
15.6
19
700
0.25
5.0
18.2
51
SMZG3799A,B
XI,J
27
13.9
23
700
0.25
5.0
20.6
46
SMZG3800A,B
XK,L
30
12.5
26
750
0.25
5.0
22.8
41
SMZG3801A,B
YA,B
33
11.4
33
800
0.25
5.0
25.1
38
SMZG3802A,B
YC,D
36
10.4
38
850
0.25
5.0
27.4
35
SMZG3803A,B
YE,F
39
9.6
45
900
0.25
5.0
29.7
31
SMZG3804A,B
YG,H
43
8.7
53
950
0.25
5.0
32.7
28
SMZG3805A,B
YI,J
47
8.0
67
1000
0.25
5.0
35.8
26
SMZG3806A,B
YK,L
51
7.3
70
1100
0.25
5.0
38.8
24
SMZG3807A,B
ZA,B
56
6.7
86
1300
0.25
5.0
42.6
22
SMZG3808A,B
ZC,D
62
6.0
100
1500
0.25
5.0
47.1
20
SMZG3809A,B
ZE,F
68
5.5
120
1700
0.25
5.0
51.7
18
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMZG3788A-E3/52
0.096
52
750
7" diameter plastic tape and reel
SMZG3788A-E3/5B
0.096
5B
3200
13" diameter plastic tape and reel
SMZG3788AHE3/52 (1)
0.096
52
750
7" diameter plastic tape and reel
SMZG3788AHE3/5B (1)
0.096
5B
3200
13" diameter plastic tape and reel


Similar Part No. - SMZG3809B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMZG3809B GE-SMZG3809B Datasheet
47Kb / 2P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - SMZG3809B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
PTV3.9B VISHAY-PTV3.9B Datasheet
90Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZJ3800B-E3 VISHAY-SMZJ3800B-E3 Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZJ3788 VISHAY-SMZJ3788 Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com