Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2341 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2341
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2341 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA2341 Datasheet HTML 2Page - Burr-Brown (TI) OPA2341 Datasheet HTML 3Page - Burr-Brown (TI) OPA2341 Datasheet HTML 4Page - Burr-Brown (TI) OPA2341 Datasheet HTML 5Page - Burr-Brown (TI) OPA2341 Datasheet HTML 6Page - Burr-Brown (TI) OPA2341 Datasheet HTML 7Page - Burr-Brown (TI) OPA2341 Datasheet HTML 8Page - Burr-Brown (TI) OPA2341 Datasheet HTML 9Page - Burr-Brown (TI) OPA2341 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
OPA341, 2341
6
SBOS202A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VENABLE = VDD, VS = +5V, RL = 10kΩ, unless otherwise noted.
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
2
1.5
1
0.5
0
–0.5
–1
–1
0
1
2
345
6
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
5
4
3
2
1
0
0
±10 ±20 ±30 ±40 ±50 ±60 ±70 ±80 ±90 ±100
+125
°C
+25
°C
–55
°C
+125
°C
+25
°C
–55
°C
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
10M
1M
Frequency (Hz)
100k
6
5
4
3
2
1
0
V
S = 5.5V
V
S = 2.7V
Maximum output
voltage without
slew rate-induced
distortion.
V
OS DRIFT DISTRIBUTION
Offset Voltage Drift (
µV/°C)
0.5
12.5
35
30
25
20
15
10
5
0
1.5 2.5 3.5
4.5 5.5 6.5 7.5 8.5 9.5 10.5 11.5
Typical distribution
of packaged units.
INPUT BIAS vs TEMPERATURE
10000
1000
100
10
1
0.1
150
25
75
125
Temperature (
°C)
–75
–25
V
OS PRODUCTION DISTRIBUTION
Offset Voltage (mV)
–66
25
20
15
10
5
0
–5
–4 –3
–2 –1
0
12
34
5
Typical distribution
of packaged units.


Similar Part No. - OPA2341

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2341 BURR-BROWN-OPA2341 Datasheet
236Kb / 13P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Texas Instruments
OPA2341 TI1-OPA2341 Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Burr-Brown (TI)
OPA2341DGSA/250 BURR-BROWN-OPA2341DGSA/250 Datasheet
236Kb / 13P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Texas Instruments
OPA2341DGSA/250 TI1-OPA2341DGSA/250 Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA2341DGSA/250G4 TI1-OPA2341DGSA/250G4 Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - OPA2341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
OPA341 TI1-OPA341 Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Burr-Brown (TI)
OPA341 BURR-BROWN-OPA341 Datasheet
236Kb / 13P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com