Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCG85A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SMCG85A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCG85A Datasheet(HTML) 4 Page - Vishay Siliconix

  SMCG85A Datasheet HTML 1Page - Vishay Siliconix SMCG85A Datasheet HTML 2Page - Vishay Siliconix SMCG85A Datasheet HTML 3Page - Vishay Siliconix SMCG85A Datasheet HTML 4Page - Vishay Siliconix SMCG85A Datasheet HTML 5Page - Vishay Siliconix SMCG85A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMCG5.0 thru SMCG188CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88457
Revision: 22-Oct-08
4
Note:
(1) Measured on minimum recommended pad layout
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient (1)
RθJA
75
°C/W
Typical thermal resistance, junction to lead
RθJL
15
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMCG5.0A-E3/57T
0.211
57T
850
7" diameter plastic tape and reel
SMCG5.0A-E3/9AT
0.211
9AT
3500
13" diameter plastic tape and reel
SMCG5.0AHE3/57T (1)
0.211
57T
850
7" diameter plastic tape and reel
SMCG5.0AHE3/9AT (1)
0.211
9AT
3500
13" diameter plastic tape and reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
0.1
1
10
100
0.31 x 0.31" (8.0 x 8.0 mm)
Copper Pad Areas
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
td - Pulse Width (s)
0
255075
100
100
75
50
25
0
125
150
175
200
TJ - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance Uni-Directional
0
50
100
150
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
10/1000 µs Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
10
100
1000
10 000
20 000
10
1
100
400
Uni-Directional
Bi-Directional
VWM - Reverse Stand-Off Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at
Zero Bias
V
R, Measured at
Stand-Off
Voltage V
WM


Similar Part No. - SMCG85A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG85A GE-SMCG85A Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG85A MICROSEMI-SMCG85A Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG85A MICROSEMI-SMCG85A Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG85A VISHAY-SMCG85A Datasheet
90Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Littelfuse
SMCG85A-HR LITTELFUSE-SMCG85A-HR Datasheet
1Mb / 6P
   The SMCG-HR series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results

Similar Description - SMCG85A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com