Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ85 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMCJ85
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCJ85 Datasheet(HTML) 2 Page - Vishay Siliconix

  SMCJ85 Datasheet HTML 1Page - Vishay Siliconix SMCJ85 Datasheet HTML 2Page - Vishay Siliconix SMCJ85 Datasheet HTML 3Page - Vishay Siliconix SMCJ85 Datasheet HTML 4Page - Vishay Siliconix SMCJ85 Datasheet HTML 5Page - Vishay Siliconix SMCJ85 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMCJ5.0 thru SMCJ188CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88394
Revision: 21-Oct-08
2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
“J” BEND LEAD
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
(+)SMCJ5.0
GDD
GDD
6.40
7.82
10.0
5.0
1000
156.3
9.6
(+)SMCJ5.0A(5)
GDE
GDE
6.40
7.07
10.0
5.0
1000
163.0
9.2
(+)SMCJ6.0
GDF
GDF
6.67
8.15
10.0
6.0
1000
131.6
11.4
(+)SMCJ6.0A
GDG
GDG
6.67
7.37
10.0
6.0
1000
145.6
10.3
(+)SMCJ6.5
GDH
BDH
7.22
8.82
10.0
6.5
500
122.0
12.3
(+)SMCJ6.5A
GDK
BDK
7.22
7.98
10.0
6.5
500
133.9
11.2
(+)SMCJ7.0
GDL
GDL
7.78
9.51
10.0
7.0
200
112.8
13.3
(+)SMCJ7.0A
GDM
GDM
7.78
8.60
10.0
7.0
200
125.0
12.0
(+)SMCJ7.5
GDN
BDN
8.33
10.2
1.0
7.5
100
104.9
14.3
(+)SMCJ7.5A
GDP
BDP
8.33
9.21
1.0
7.5
100
116.3
12.9
(+)SMCJ8.0
GDQ
BDG
8.89
10.9
1.0
8.0
50
100.0
15.0
(+)SMCJ8.0A
GDR
BDR
8.89
9.83
1.0
8.0
50
110.3
13.6
(+)SMCJ8.5
GDS
BDS
9.44
11.5
1.0
8.5
20
94.3
15.9
(+)SMCJ8.5A
GDT
BDT
9.44
10.4
1.0
8.5
20
104.2
14.4
(+)SMCJ9.0
GDU
BDU
10.0
12.2
1.0
9.0
10
88.8
16.9
(+)SMCJ9.0A
GDV
BDV
10.0
11.1
1.0
9.0
10
97.4
15.4
(+)SMCJ10
GDW
BDW
11.1
13.6
1.0
10
5.0
79.8
18.8
(+)SMCJ10A
GDX
BDX
11.1
12.3
1.0
10
5.0
88.2
17.0
(+)SMCJ11
GDY
GDY
12.2
14.9
1.0
11
5.0
74.6
20.1
(+)SMCJ11A
GDZ
GDZ
12.2
13.5
1.0
11
5.0
82.4
18.2
(+)SMCJ12
GED
BED
13.3
16.3
1.0
12
5.0
68.2
22.0
(+)SMCJ12A
GEE
BEE
13.3
14.7
1.0
12
5.0
75.4
19.9
(+)SMCJ13
GEF
GEF
14.4
17.6
1.0
13
1.0
63.0
23.8
(+)SMCJ13A
GEG
GEG
14.4
15.9
1.0
13
1.0
69.8
21.5
(+)SMCJ14
GEH
BEH
15.6
19.1
1.0
14
1.0
58.1
25.8
(+)SMCJ14A
GEK
BEK
15.6
17.2
1.0
14
1.0
64.7
23.2
(+)SMCJ15
GEL
BEL
16.7
20.4
1.0
15
1.0
55.8
26.9
(+)SMCJ15A
GEM
BEM
16.7
18.5
1.0
15
1.0
61.5
24.4
(+)SMCJ16
GEN
GEN
17.8
21.8
1.0
16
1.0
52.1
28.8
(+)SMCJ16A
GEP
GEP
17.8
19.7
1.0
16
1.0
57.7
26.0
(+)SMCJ17
GEQ
GEQ
18.9
23.1
1.0
17
1.0
49.2
30.5
(+)SMCJ17A
GER
GER
18.9
20.9
1.0
17
1.0
54.3
27.6
(+)SMCJ18
GES
BES
20.0
24.4
1.0
18
1.0
46.6
32.2
(+)SMCJ18A
GET
BET
20.0
22.1
1.0
18
1.0
51.4
29.2
(+)SMCJ20
GEU
BEU
22.2
27.1
1.0
20
1.0
41.9
35.8
(+)SMCJ20A
GEV
BEV
22.2
24.5
1.0
20
1.0
46.3
32.4
(+)SMCJ22
GEW
BEW
24.4
29.8
1.0
22
1.0
38.1
39.4
(+)SMCJ22A
GEX
BEX
24.4
26.9
1.0
22
1.0
42.3
35.5
(+)SMCJ24
GEY
BEY
26.7
32.6
1.0
24
1.0
34.9
43.0
(+)SMCJ24A
GEZ
BEZ
26.7
29.5
1.0
24
1.0
38.6
38.9
(+)SMCJ26
GFD
BFD
28.9
35.3
1.0
26
1.0
32.2
46.6
(+)SMCJ26A
GFE
BFE
28.9
31.9
1.0
26
1.0
35.6
42.1
(+)SMCJ28
GFF
BFF
31.1
38.0
1.0
28
1.0
30.0
50.0
(+)SMCJ28A
GFG
BFG
31.1
34.4
1.0
28
1.0
33.0
45.4
(+)SMCJ30
GFH
BFH
33.3
40.7
1.0
30
1.0
28.0
53.5
(+)SMCJ30A
GFK
BFK
33.3
36.8
1.0
30
1.0
31.0
48.4
(+)SMCJ33
GFL
BFL
36.7
44.9
1.0
33
1.0
25.4
59.0
(+)SMCJ33A
GFM
BFM
36.7
40.6
1.0
33
1.0
28.1
53.3
(+)SMCJ36
GFN
BFN
40.0
48.9
1.0
36
1.0
23.3
64.3
(+)SMCJ36A
GFP
BFP
40.0
44.2
1.0
36
1.0
25.8
58.1
(+)SMCJ40
GFQ
BFQ
44.4
54.3
1.0
40
1.0
21.0
71.4
(+)SMCJ40A
GFR
BFR
44.4
49.1
1.0
40
1.0
23.3
64.5


Similar Part No. - SMCJ85

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SMCJ85 SEMITECH-SMCJ85 Datasheet
245Kb / 6P
   Low profile package
logo
Dc Components
SMCJ85 DCCOM-SMCJ85 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMCJ85 YANGJIE-SMCJ85 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ85 FORMOSA-SMCJ85 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
logo
Galaxy Semi-Conductor H...
SMCJ85 BILIN-SMCJ85 Datasheet
264Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ85

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com