Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ85 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMCJ85
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCJ85 Datasheet(HTML) 3 Page - Vishay Siliconix

  SMCJ85 Datasheet HTML 1Page - Vishay Siliconix SMCJ85 Datasheet HTML 2Page - Vishay Siliconix SMCJ85 Datasheet HTML 3Page - Vishay Siliconix SMCJ85 Datasheet HTML 4Page - Vishay Siliconix SMCJ85 Datasheet HTML 5Page - Vishay Siliconix SMCJ85 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMCJ5.0 thru SMCJ188CA
Vishay General Semiconductor
Document Number: 88394
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMCJ5.0CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 100 A (uni-directional only)
(+) Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional devices
(+)SMCJ43
GFS
BFS
47.8
58.4
1.0
43
1.0
19.6
76.7
(+)SMCJ43A
GFT
BFT
47.8
52.8
1.0
43
1.0
21.6
69.4
(+)SMCJ45
GFU
GFU
50.0
61.1
1.0
45
1.0
18.7
80.3
(+)SMCJ45A
GFV
GFV
50.0
55.3
1.0
45
1.0
20.6
72.7
(+)SMCJ48
GFW
GFW
53.3
65.1
1.0
48
1.0
17.5
85.5
(+)SMCJ48A
GFX
GFX
53.3
58.9
1.0
48
1.0
19.4
77.4
(+)SMCJ51
GFY
GFY
56.7
69.3
1.0
51
1.0
16.5
91.1
(+)SMCJ51A
GFZ
GFZ
56.7
62.7
1.0
51
1.0
18.2
82.4
(+)SMCJ54
GGD
GGD
60.0
73.3
1.0
54
1.0
15.6
96.3
(+)SMCJ54A
GGE
GGE
60.0
66.3
1.0
54
1.0
17.2
87.1
(+)SMCJ58
GGF
GGF
64.4
78.7
1.0
58
1.0
14.6
103
(+)SMCJ58A
GGG
GGG
64.4
71.2
1.0
58
1.0
16.0
93
(+)SMCJ60
GGH
GGH
66.7
81.5
1.0
60
1.0
14.0
107
(+)SMCJ60A
GGK
GGK
66.7
73.7
1.0
60
1.0
15.5
96
(+)SMCJ64
GGL
GGL
71.1
86.9
1.0
64
1.0
13.2
114
(+)SMCJ64A
GGM
GGM
71.1
78.6
1.0
64
1.0
14.6
103
(+)SMCJ70
GGN
GGN
77.8
95.1
1.0
70
1.0
12.0
125
(+)SMCJ70A
GGP
GGP
77.8
86.0
1.0
70
1.0
13.3
113
(+)SMCJ75
GGQ
GGQ
83.3
102
1.0
75
1.0
11.2
134
(+)SMCJ75A
GGR
GGR
83.3
92.1
1.0
75
1.0
12.4
121
(+)SMCJ78
GGS
GGS
86.7
106
1.0
78
1.0
10.8
139
(+)SMCJ78A
GGT
GGT
86.7
95.8
1.0
78
1.0
11.9
126
(+)SMCJ85
GGU
GGU
94.4
115
1.0
85
1.0
9.9
151
(+)SMCJ85A
GGV
GGV
94.4
104
1.0
85
1.0
10.9
137
(+)SMCJ90
GGW
GGW
100
122
1.0
90
1.0
9.4
160
(+)SMCJ90A
GGX
GGX
100
111
1.0
90
1.0
10.3
146
(+)SMCJ100
GGY
GGY
111
136
1.0
100
1.0
8.4
179
(+)SMCJ100A
GGZ
GGZ
111
123
1.0
100
1.0
9.3
162
(+)SMCJ110
GHD
GHD
122
149
1.0
110
1.0
7.7
196
(+)SMCJ110A
GHE
GHE
122
135
1.0
110
1.0
8.5
177
(+)SMCJ120
GHF
GHF
133
163
1.0
120
1.0
7.0
214
(+)SMCJ120A
GHG
GHG
133
147
1.0
120
1.0
7.8
193
(+)SMCJ130
GHH
GHH
144
176
1.0
130
1.0
6.5
231
(+)SMCJ130A
GHK
GHK
144
159
1.0
130
1.0
7.2
209
(+)SMCJ150
GHL
GHL
167
204
1.0
150
1.0
5.6
268
(+)SMCJ150A
GHM
GHM
167
185
1.0
150
1.0
6.2
243
(+)SMCJ160
GHN
GHN
178
218
1.0
160
1.0
5.2
287
(+)SMCJ160A
GHP
GHP
178
197
1.0
160
1.0
5.8
259
(+)SMCJ170
GHQ
GHQ
189
231
1.0
170
1.0
4.9
304
(+)SMCJ170A
GHR
GHR
189
209
1.0
170
1.0
5.5
275
SMCJ188
GHT
GHT
209
255
1.0
188
1.0
4.4
344
SMCJ188A
GHS
GHS
209
231
1.0
188
1.0
4.6
328
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
“J” BEND LEAD
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.


Similar Part No. - SMCJ85

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ85 DCCOM-SMCJ85 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
SMCJ85 SEMITECH-SMCJ85 Datasheet
245Kb / 6P
   Low profile package
logo
Yangzhou yangjie electr...
SMCJ85 YANGJIE-SMCJ85 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ85 FORMOSA-SMCJ85 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
logo
General Semiconductor
SMCJ85 GE-SMCJ85 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ85

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com