Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE13 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P6KE13
Description  TRANSZORB® Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KE13 Datasheet(HTML) 1 Page - Vishay Siliconix

  P6KE13 Datasheet HTML 1Page - Vishay Siliconix P6KE13 Datasheet HTML 2Page - Vishay Siliconix P6KE13 Datasheet HTML 3Page - Vishay Siliconix P6KE13 Datasheet HTML 4Page - Vishay Siliconix P6KE13 Datasheet HTML 5Page - Vishay Siliconix P6KE13 Datasheet HTML 6Page - Vishay Siliconix P6KE13 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P6KE6.8 thru P6KE540A
Vishay General Semiconductor
Document Number: 88369
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
TRANSZORB® Transient Voltage Suppressors
FEATURES
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 600 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
MECHANICAL DATA
Case: DO-204AC, molded epoxy over passivated chip
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3
suffix meets JESD 201 class 2 whisker test
Note:
• P6KE250 ~ P6KE540A and P6KE250C ~ P6KE440CA for
commercial grade only
Polarity: For uni-directional types the color band
denotes cathode end, no marking on bi-directional
types
DEVICES FOR BI-DIRECTION APPLICATIONS
For
bi-directional
types,
use
C
or
CA
suffix
(e.g. P6KE440CA).
Electrical characteristics apply in both directions.
PRIMARY CHARACTERISTICS
VBR uni-directional
6.8 V to 540 V
VBR bi-directional
6.8 V to 440 V
PPPM
600 W
PD
5.0 W
IFSM (uni-directional only)
100 A
TJ max.
175 °C
DO-204AC (DO-15)
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 per minute maximum
(3) VF = 3.5 V for P6KE220(A) and below; VF = 5.0 V for P6KE250(A) and above
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation with a 10/1000 µs waveform (1) (Fig. 1)
PPPM
600
W
Peak pulse current with a 10/1000 µs waveform (1)
IPPM
See next table
A
Power dissipation on infinite heatsink at TL = 75 °C (Fig. 5)
PD
5.0
W
Peak forward surge current, 8.3 ms single half sine-wave (2)
IFSM
100
A
Maximum instantaneous forward voltage at 50 A for uni-directional only (3)
VF
3.5/5.0
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - P6KE13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE13 PANJIT-P6KE13 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE13 ZSELEC-P6KE13 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Pan Jit International I...
P6KE13 PANJIT-P6KE13 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Microsemi Corporation
P6KE13 MICROSEMI-P6KE13 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Leshan Radio Company
P6KE13 LRC-P6KE13 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results

Similar Description - P6KE13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com