Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ110 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMBJ110
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ110 Datasheet(HTML) 1 Page - Vishay Siliconix

  SMBJ110 Datasheet HTML 1Page - Vishay Siliconix SMBJ110 Datasheet HTML 2Page - Vishay Siliconix SMBJ110 Datasheet HTML 3Page - Vishay Siliconix SMBJ110 Datasheet HTML 4Page - Vishay Siliconix SMBJ110 Datasheet HTML 5Page - Vishay Siliconix SMBJ110 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMBJ5.0 thru SMBJ188CA
Vishay General Semiconductor
Document Number: 88392
Revision: 04-Sep-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount TRANSZORB® Transient Voltage Suppressors
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 600 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMBJ)
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3
suffix meets JESD 201 class 2 whisker test
Polarity: For uni-directional types the band denotes
cathode end, no marking on bi-directional types
DEVICES FOR BI-DIRECTION APPLICATIONS
For bi-directional devices use C or CA suffix
(e.g. SMBJ10CA).
Electrical characteristics apply in both directions.
PRIMARY CHARACTERISTICS
VWM
5.0 V to 188 V
PPPM
600 W
IFSM (uni-directional only)
100 A
TJ max.
150 °C
DO-214AA (SMB J-Bend)
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1)(2) (Fig. 1)
PPPM
600
W
Peak pulse current with a 10/1000 µs waveform (1)
IPPM
See next table
A
Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2)
IFSM
100
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SMBJ110

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ110 SOCAY-SMBJ110 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ110 JGD-SMBJ110 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ110 MICROSEMI-SMBJ110 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Galaxy Semi-Conductor H...
SMBJ110 BILIN-SMBJ110 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SMBJ110 BILIN-SMBJ110 Datasheet
837Kb / 7P
   Transient Voltage Suppressor
More results

Similar Description - SMBJ110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com