Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCG120A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SMCG120A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCG120A Datasheet(HTML) 5 Page - Vishay Siliconix

  SMCG120A Datasheet HTML 1Page - Vishay Siliconix SMCG120A Datasheet HTML 2Page - Vishay Siliconix SMCG120A Datasheet HTML 3Page - Vishay Siliconix SMCG120A Datasheet HTML 4Page - Vishay Siliconix SMCG120A Datasheet HTML 5Page - Vishay Siliconix SMCG120A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMCG5.0 thru SMCG188CA
Vishay General Semiconductor
Document Number: 88457
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Transient Thermal Impedance
0.1
1.0
10
100
0.001
0.01
0.1
10
1
100
1000
tp - Pulse Duration (s)
Figure 6. Maximum Non-Repetitive Forward Surge Current
Uni-Directional Use Only
1
10
100
10
100
200
Number of Cycles at 60 Hz
T
J = TJ max.
8.3 ms Single Half Sine-Wave
0.280 (7.11)
0.260 (6.60)
0.016 (0.41)
0.006 (0.15)
0.020
(0.51) Max.
0.058 (1.47)
0.038 (0.97)
0.040 (1.02)
0.024 (0.61)
Seating Plane
0.008 (0.20)
0.002 (0.05)
0.245 (6.22)
0.220 (5.59)
0.125 (3.17)
0.115 (2.92)
0.095 (2.41)
0.075 (1.90)
0.050 (1.27)
0.125 (3.17)
0.310 (7.87)
0.400 (10.16)
0.380 (9.64)
DO-215AB (SMCG)
Mounting Pad Layout
Cathode Band


Similar Part No. - SMCG120A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG120A GE-SMCG120A Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG120A MICROSEMI-SMCG120A Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG120A MICROSEMI-SMCG120A Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG120A LUGUANG-SMCG120A Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG120A VISHAY-SMCG120A Datasheet
90Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - SMCG120A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com