Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A20P-CD-A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # A20P-CD-A
Description  Rack and Panel Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A20P-CD-A Datasheet(HTML) 1 Page - Vishay Siliconix

  A20P-CD-A Datasheet HTML 1Page - Vishay Siliconix A20P-CD-A Datasheet HTML 2Page - Vishay Siliconix A20P-CD-A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rack and Panel Connectors
Side Mount
www.vishay.com
For technical questions, contact: connectors@vishay.com
Document Number: 36018
12
Revision: 08-Feb-07
A20 and WA20
Vishay Dale
FEATURES
• Body components available with any desired pin and
socket combination
• Floating contacts
• Polarization accomplished by reversed pin and socket
combination
• Model A20 has barriers for increased creepage distance
• Thru hole permits use of building block technique or flat
mounting
WA20
A20
APPLICATIONS
Broad - limited only by those applications requiring physical,
electrical and/or materials specifications exceeding those
indicated.
ELECTRICAL SPECIFICATIONS
Breakdown Voltage (Contact to Contact):
At sea level: 2000 V RMS
At 70 000 feet [21 336 meters]: 500 V RMS
Current Rating: 7.5 amps
MATERIAL SPECIFICATIONS
Standard Body: Glass-filled diallyl phthalate per ASTM D
5948-96 Green, Flame Retardant
Pin Contacts: Brass
Socket Contacts: Phosphor bronze
Contact Plating: Gold, 10 micro-inches
PHYSICAL SPECIFICATIONS
Minimum Creepage Path between Contacts:
A20 = 0.08" [2.03 mm]; WA20 = 0.05" [1.27 mm]
Minimum Air Space between Contacts:
A20 = 0.08" [2.03 mm]; WA20 = 0.05" [1.27 mm]
Contact, Center to Center: A20 = 0.150" [3.18 mm];
WA20 = 0.125" [3.17 mm]
DIMENSIONS in inches [millimeters]
A20S-CD
A20P-CD
0.180
[4.57]
0.750
[19.05]
0.360
[9.14]
Contact Pin
Contact
Socket
0.093 [2.36]
Dia. Thru
Solder Cups
Accommodate
#20 AWG Wire
0.218
[5.54]
0.040
[1.02]
Dia.
0.200
[5.08]
0.031
[0.79]
0.265
[6.73]
0.275
[6.99]
Lettering on
Wire Side
Only
0.437
[11.10]
0.150
[3.81]
AB
CD
0.150
[3.81]
Lettering on
Wire Side
Only
0.265
[6.73]
0.275
[6.99]
0.437
[11.11]
A
B
C
D
0.750
[19.05]
Solder Cups
Accommodate
#20 AWG Wire
Contact
Socket
0.093 [2.36]
Dia.Th?ru
0.360
[9.14]
0.218
[5.54]
0.031
[0.79]
0.200
[5.08]
0.180
[4.57]
0.040
[1.02]
Dia.


Similar Part No. - A20P-CD-A

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
A20P12 PENTAIR-A20P12 Datasheet
1Mb / 16P
   Panels and Panel Accessories
A20P12G PENTAIR-A20P12G Datasheet
1Mb / 16P
   Panels and Panel Accessories
A20P16 PENTAIR-A20P16 Datasheet
1Mb / 16P
   Panels and Panel Accessories
A20P16AL PENTAIR-A20P16AL Datasheet
1Mb / 16P
   Panels and Panel Accessories
A20P16C PENTAIR-A20P16C Datasheet
1Mb / 16P
   Panels and Panel Accessories
More results

Similar Description - A20P-CD-A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Vishay Siliconix
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
   Rack and Panel Connectors Side Mount
Revision: 08-Feb-07
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
   Rack and Panel Connectors Side Mount
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com