Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBCR00816002J Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WBCR00816002J
Description  Thin Film, Back-Contact Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WBCR00816002J Datasheet(HTML) 1 Page - Vishay Siliconix

  WBCR00816002J Datasheet HTML 1Page - Vishay Siliconix WBCR00816002J Datasheet HTML 2Page - Vishay Siliconix WBCR00816002J Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: efi@vishay.com
Document Number: 61023
54
Revision: 12-Mar-08
BCR
Vishay Electro-Films
Thin Film, Back-Contact Resistor
The
Back
Contact
Resistor
(BCR)
series
single-value
back-contact resistor chip is one of the smallest chips available.
The BCR requires only one wire bond thus saving hybrid space.
The BCRs are manufactured using Vishay Electro-Films
(EFI) sophisticated thin film equipment and manufacturing
technology. The BCRs are 100 % electrically tested and
visually inspected to MIL-STD-883.
FEATURES
• Wire bondable
• Only one wire bond required
• Small size: 0.020 inches square.
• Resistance range: 10 Ω to 1 MΩ
• Oxidized silicon substrate for good power dissipation
• Resistor material: Tantalum nitride, self-passivating
• Moisture resistant
APPLICATIONS
Vishay EFI BCR resistor chips are widely used in hybrid packages where space is limited. The bottom connection is made by
attaching the back of the chip to the substrate either eutectically or with conductive epoxy. The single wire bond is made to the
notched pad on the top of the chip. (The other rectangular pad on the top of the chip is a via hole, a low-ohmic contact connecting
the resistor to the bottom of the chip.)
Product may not
be to scale
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES AND TOLERANCES
PROCESS CODE
CLASS H*
CLASS K*
010
056
002
061
027
059
008
052
*MIL-PRF-38534 inspection criteria
0.1 %
Tightest Standard Tolerance Available
± 250 ppm/°C
± 50 ppm/°C
± 100 ppm/°C
0.2 %
1 M
Ω
100
Ω
10
Ω
200 k
Ω
± 25 ppm/°C
20
Ω 50 Ω
200
Ω 1 kΩ
360 k
Ω
620 k
Ω
0.5 %
1 %
2 %
5 %
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
Noise, MIL-STD-202, Method 308
100
Ω - 250 kΩ
< 100
Ω or > 251 kΩ
- 35 dB typ.
- 20 dB typ.
Moisture resistance, MIL-STD-202
Method 106
± 0.5 % max.
ΔR/R
Stability, 1000 h, + 125 °C, 125 mW
± 1.0 % max.
ΔR/R
Operating Temperature Range
- 55 °C to + 125 °C
Thermal Shock, MIL-STD-202,
Method 107, Test Condition F
± 0.25 % max.
ΔR/R
High Temperature Exposure, + 150 °C, 100 h
± 0.5 % max.
ΔR/R
Dielectric Voltage Breakdown
200 V
Insulation Resistance
1012 min.
Operating Voltage
75 V max.
DC Power Rating at + 70 °C (Derated to Zero at + 175 °C)
250 mW
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 % max.
ΔR/R


Similar Part No. - WBCR00816002J

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBCR0202AA011002BA TTELEC-WBCR0202AA011002BA Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
WBCR0202AA011002BB TTELEC-WBCR0202AA011002BB Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
WBCR0202AA011002BC TTELEC-WBCR0202AA011002BC Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
WBCR0202AA011002BD TTELEC-WBCR0202AA011002BD Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
WBCR0202AA011002BF TTELEC-WBCR0202AA011002BF Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
More results

Similar Description - WBCR00816002J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
   Thin Film, Back-Contact Resistor
Revision: 25-Feb-13
BCR VISHAY-BCR_V01 Datasheet
76Kb / 3P
   Thin Film, Back-Contact Resistor
01-Jan-2022
IGBR VISHAY-IGBR Datasheet
144Kb / 5P
   Thin Film, High Power Back-Contact Resistor
QFM VISHAY-QFM Datasheet
75Kb / 3P
   Thin Film, Top-Contact Resistor
Revision: 05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
   Thin Film Top-Contact Resistor
Revision: 25-Feb-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
   NiCr Thin Film, Top-Contact Resistor
Revision: 11-Sep-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
   NiCr Thin Film, Top-Contact Resistor
Revision: 05-Apr-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
   Thin Film, Top-Contact Miniature Resistor
Revision: 26-Jan-15
QFX VISHAY-QFX Datasheet
75Kb / 3P
   Thin Film, Top-Contact Megohm Resistor
Revision: 05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
   NiCr Thin Film, Top-Contact Resistor
Revision: 05-Apr-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com