Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

164S10KBO5E4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 164S10KBO5E4
Description  1/2 (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

164S10KBO5E4 Datasheet(HTML) 3 Page - Vishay Siliconix

  164S10KBO5E4 Datasheet HTML 1Page - Vishay Siliconix 164S10KBO5E4 Datasheet HTML 2Page - Vishay Siliconix 164S10KBO5E4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 164S10KBO5E4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
164SL11 MACOM-164SL11 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
More results

Similar Description - 164S10KBO5E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
164 VISHAY-164 Datasheet
261Kb / 3P
   1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
01-Jan-2022
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
   1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
Revision: 18-Jun-07
162 VISHAY-162 Datasheet
90Kb / 4P
   1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
01-Jan-2022
MODEL142 VISHAY-MODEL142 Datasheet
210Kb / 3P
   1/2 (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision Potentiometer
Revision: 28-Jun-07
140 VISHAY-140_V01 Datasheet
100Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
01-Jan-2022
142 VISHAY-142 Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
140 VISHAY-140 Datasheet
90Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
Revision: 08-Apr-13
MODEL140 VISHAY-MODEL140 Datasheet
226Kb / 3P
   1/2 (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
Revision: 28-Jun-07
802 VISHAY-802 Datasheet
321Kb / 4P
   (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
860 VISHAY-860_V01 Datasheet
83Kb / 4P
   (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com